Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1122T-TD-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SB1122T-TD-E
Description  Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SB1122T-TD-E Datasheet(HTML) 1 Page - ON Semiconductor

  2SB1122T-TD-E Datasheet HTML 1Page - ON Semiconductor 2SB1122T-TD-E Datasheet HTML 2Page - ON Semiconductor 2SB1122T-TD-E Datasheet HTML 3Page - ON Semiconductor 2SB1122T-TD-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D0413 TKIM TC-00003072/31710EA TKIM/O1003TN (KOTO)/92098HA (KT)/4107KI/9266AT, TS No.2040-1/4
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
December, 2013
2SB1122
Bipolar Transistor
–50V, –1A, Low VCE(sat) PNP Single PCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applicaitons
Voltage regulators relay drivers, lamp drivers, electrical equipment
Features
Adoption of FBET process
Ultrasmall size making it easy to provide high-density hybrid IC’s
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector to Base Voltage
VCBO
--60
V
Collector to Emitter Voltage
VCEO
--50
V
Emitter to Base Voltage
VEBO
--5
V
Collector Current
IC
--1
A
Collector Current (Pulse)
ICP
--2
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN2040C
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SB1122S-TD-E
2SB1122T-TD-E
RANK
2
3
1


Similar Part No. - 2SB1122T-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB1122 SANYO-2SB1122 Datasheet
117Kb / 4P
   Low-Frequency Power Amp Applications?
logo
Guangdong Kexin Industr...
2SB1122 KEXIN-2SB1122 Datasheet
58Kb / 2P
   PNP Epitaxial Planar Silicon Transistors
logo
Sanyo Semicon Device
2SB1122 SANYO-2SB1122 Datasheet
110Kb / 5P
   PNP Epitaxial Planar Silicon Transistors Low-Frequency Power Amplifier Applications
2SB1122-D SANYO-2SB1122-D Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SB1122-R KEXIN-2SB1122-R Datasheet
1Mb / 3P
   PNP Transistors
More results

Similar Description - 2SB1122T-TD-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2125 ONSEMI-2SA2125 Datasheet
325Kb / 1P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat), (PNP)NPN Single PCP
November, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
   Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
CPH3116 ONSEMI-CPH3116 Datasheet
631Kb / 7P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com