Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2202-TD-E Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SA2202-TD-E
Description  Bipolar Transistor -100V, -2A, Low VCE(sat) PNP Single PCP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2202-TD-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SA2202-TD-E Datasheet HTML 1Page - ON Semiconductor 2SA2202-TD-E Datasheet HTML 2Page - ON Semiconductor 2SA2202-TD-E Datasheet HTML 3Page - ON Semiconductor 2SA2202-TD-E Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2202
No.A0583-2/4
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
--400
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
1.3
W
Tc=25°C
3.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=--80V, IE=0A
--1
μA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--1
μA
DC Current Gain
hFE
VCE=--5V, IC=--100mA
200
400
Gain-Bandwidth Product
fT
VCE=--10V, IC=--500mA
300
MHz
Output Capacitance
Cob
VCB=--10V, f=1MHz
23
pF
Collector to Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--100mA
--120
--240
mV
Base to Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--100mA
--0.85
--1.2
V
Collector to Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--100
V
Collector to Emitter Breakdown Voltage
V(BR)CES
IC=--100μA, RBE=0Ω
--100
V
V(BR)CEO
IC=--1mA, RBE=∞
--100
V
Emitter to Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--7
V
Turn-ON Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
600
ns
Fall Time
tf
30
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2202-TD-E
PCP
1,000pcs./reel
Pb Free
VR
RL=100Ω
VCC= --50V
VBE=5V
IC=10IB1= --10IB2= --0.5A
++
50
Ω
INPUT
OUTPUT
RB
220
μF
470
μF
PW=20
μs
IB1
IB2
D.C.
≤1%
Base to Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector to Emitter Voltage, VCE -- V
0
--0.4
--0.8
--1.2
--1.6
--2.0
0
--0.1
--0.2
--0.3
--0.4
--0.5
IB= --5mA
--20mA
--60mA
--120mA
--80mA
--100mA
IT11879
--40mA
--2.0
--1.6
--0.8
--0.4
--1.2
--1.8
--1.4
--0.6
--0.2
--1.0
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
IT11880
VCE= --5V


Similar Part No. - 2SA2202-TD-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2202 SANYO-2SA2202 Datasheet
64Kb / 4P
   High-Voltage Switching Applications
More results

Similar Description - 2SA2202-TD-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6096 ONSEMI-2SC6096 Datasheet
321Kb / 6P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SB1121 ONSEMI-2SB1121 Datasheet
189Kb / 4P
   Bipolar Transistor -25V, -2A, Low VCE(sat) PNP Single PCP
January, 2014
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SA1708S-AN ONSEMI-2SA1708S-AN Datasheet
632Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
September, 2013
2SA2012-TD-E ONSEMI-2SA2012-TD-E Datasheet
81Kb / 5P
   Bipolar Transistor ??0V, ??A, Low VCE(sat) PNP Single PCP
December, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com