Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN8022A Datasheet(PDF) 4 Page - ON Semiconductor

Part # EN8022A
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EN8022A Datasheet(HTML) 4 Page - ON Semiconductor

  EN8022A Datasheet HTML 1Page - ON Semiconductor EN8022A Datasheet HTML 2Page - ON Semiconductor EN8022A Datasheet HTML 3Page - ON Semiconductor EN8022A Datasheet HTML 4Page - ON Semiconductor EN8022A Datasheet HTML 5Page - ON Semiconductor EN8022A Datasheet HTML 6Page - ON Semiconductor EN8022A Datasheet HTML 7Page - ON Semiconductor EN8022A Datasheet HTML 8Page - ON Semiconductor EN8022A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SA2127
No.8022-4/9
Taping Specification
2SA2127-AE
0
0.6
0.8
1.0
1.2
0.4
0.2
20
060
40
80
100
140
120
160
IT07586
PC -- Ta
Ambient Temperature, Ta --
°C


Similar Part No. - EN8022A

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
EN80C186EB13 INNOVASIC-EN80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186EB20 INNOVASIC-EN80C186EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186EB25 INNOVASIC-EN80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186XL12 INNOVASIC-EN80C186XL12 Datasheet
1Mb / 75P
   16-Bit Microcontroller
EN80C186XL20 INNOVASIC-EN80C186XL20 Datasheet
1Mb / 75P
   16-Bit Microcontroller
More results

Similar Description - EN8022A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
   Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
   Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1122 ONSEMI-2SB1122 Datasheet
81Kb / 4P
   Bipolar Transistor -50V, -1A, Low VCE(sat) PNP Single PCP
December, 2013
50A02SS ONSEMI-50A02SS Datasheet
515Kb / 7P
   Bipolar Transistor -50V, -0.4A, Low VCE(sat) PNP Single SSFP
August, 2013
CPH3144 ONSEMI-CPH3144 Datasheet
579Kb / 6P
   Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com