Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0700D19 Datasheet(PDF) 8 Page - AZ Displays

Part # ATM0700D19
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0700D19 Datasheet(HTML) 8 Page - AZ Displays

Back Button ATM0700D19 Datasheet HTML 4Page - AZ Displays ATM0700D19 Datasheet HTML 5Page - AZ Displays ATM0700D19 Datasheet HTML 6Page - AZ Displays ATM0700D19 Datasheet HTML 7Page - AZ Displays ATM0700D19 Datasheet HTML 8Page - AZ Displays ATM0700D19 Datasheet HTML 9Page - AZ Displays ATM0700D19 Datasheet HTML 10Page - AZ Displays ATM0700D19 Datasheet HTML 11Page - AZ Displays ATM0700D19 Datasheet HTML 12Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ATM0700D19(AZ DISPLAYS)TFT MODULE VER1.0
AZ DISPLAYS
7
3.1.3 Backlight driving conditions
Item
Symbol
Values
Unit
Remark
Min.
Typ.
Max.
Voltage for LED Backlight
VL
9.0
9.9
10.5
V
Note 1
Current for LED Backlight
IL
--
140
--
mA
LED life time
--
30000
--
--
Hr
Note 2
Note 1
: The LED Supply Voltage is defined by the number of LED at Ta=25℃ and IL =140mA.
Note 2
: The “LED life time” is defined as the module brightness decrease to 50% original brightness at
Ta=25℃ and IL =140mA.
3.2 Power Sequence
a.Power on:
DVDD→VGL→VGH→Data→B/L
b.Power off:
B/L→Data→VGH→VGL→DVDD
Note
: Data include R0~R7, B0~B7, GO~G7, U/D, L/R, DCLK, HS,VS,DE.


Similar Part No. - ATM0700D19

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0700D19-CT1 AZDISPLAYS-ATM0700D19-CT1 Datasheet
466Kb / 22P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0700D19

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com