Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHS9351PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFHS9351PBF
Description  Compatible with Existing Surface Mount Techniques9
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHS9351PBF Datasheet(HTML) 9 Page - International Rectifier

  IRFHS9351PBF_15 Datasheet HTML 1Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 2Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 3Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 4Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 5Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 6Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 7Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 8Page - International Rectifier IRFHS9351PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
May 21, 2014
IRFHS9351PbF
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
MS L1
(per IPC/JEDEC J-S TD-020D
††† )
RoHS compliant
Yes
PQFN 2mm x 2mm
Qualification information
Moisture Sensitivity Level
Qualification level
Industrial
††
(per JEDEC JES D47F
††† guidelines )
Revision History
Date
Comment
• Updated ordering information to reflect the End-Of-life (EOL) of the mini-reel option (EOL notice #259)
• Updated data sheet based on corporate template.
5/21/2014
• Updated qual level from "Consumer" to "Industrial" on page 1 & 9.
5/13/2014


Similar Part No. - IRFHS9351PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHS9351PBF IRF-IRFHS9351PBF Datasheet
337Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFHS9351PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRFHM8329PBF IRF-IRFHM8329PBF_15 Datasheet
644Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8337PBF IRF-IRFHM8337PBF_15 Datasheet
648Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHS9301PBF IRF-IRFHS9301PBF_15 Datasheet
255Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8303PBF IRF-IRFH8303PBF_15 Datasheet
536Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8307PBF IRF-IRFH8307PBF_15 Datasheet
522Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8330PBF IRF-IRFH8330PBF_15 Datasheet
318Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF IRF-IRFH8334PBF_15 Datasheet
286Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFH8334PBF-1 IRF-IRFH8334PBF-1_15 Datasheet
242Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6302PBF-1 IRF-IRLML6302PBF-1_15 Datasheet
241Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com