Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHM8235PBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFHM8235PBF
Description  Compatible with Existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHM8235PBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFHM8235PBF_15 Datasheet HTML 2Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 3Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 4Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 5Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 6Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 7Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 8Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 9Page - International Rectifier IRFHM8235PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
 
IRFHM8235PbF
7
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
June 30, 2014
The typical application topology for this product is the synchronous buck converter. These converters operate at high
frequencies (typically around 400 kHz). During turn-on and turn-off switching cycles, the high di/dt currents circulating
in the parasitic elements of the circuit induce high voltage ringing which may exceed the device rating and lead to un-
desirable effects. One of the major contributors to the increase in parasitics is the PCB power circuit inductance.
This section introduces a simple guideline that mitigates the effect of these parasitics on the performance of the circuit
and provides reliable operation of the devices.
To reduce high frequency switching noise and the effects of Electromagnetic Interference (EMI) when the control
MOSFET (Q1) is turned on, the layout shown in Figure 19 is recommended. The input bypass capacitors, control
MOSFET and output capacitors are placed in a tight loop to minimize parasitic inductance which in turn lowers the am-
plitude of the switch node ringing, and minimizes exposure of the MOSFETs to repetitive avalanche conditions.
When the synchronous MOSFET (Q2) is turned on, high average DC current flows through the path indicated in Figure
19. Therefore, the Q2 turn-on path should be laid out with a tight loop and wide traces at both ends of the inductor to
minimize loop resistance.
Placement and Layout Guidelines


Similar Part No. - IRFHM8235PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM8235PBF IRF-IRFHM8235PBF Datasheet
649Kb / 9P
   Control MOSFET for synchronous buck converter
logo
Infineon Technologies A...
IRFHM8235PBF INFINEON-IRFHM8235PBF Datasheet
706Kb / 11P
   Control MOSFET for synchronous buck converter
2016-2-23
More results

Similar Description - IRFHM8235PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com