Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0350D19 Datasheet(PDF) 11 Page - AZ Displays

Part # ATM0350D19
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0350D19 Datasheet(HTML) 11 Page - AZ Displays

Back Button ATM0350D19 Datasheet HTML 7Page - AZ Displays ATM0350D19 Datasheet HTML 8Page - AZ Displays ATM0350D19 Datasheet HTML 9Page - AZ Displays ATM0350D19 Datasheet HTML 10Page - AZ Displays ATM0350D19 Datasheet HTML 11Page - AZ Displays ATM0350D19 Datasheet HTML 12Page - AZ Displays ATM0350D19 Datasheet HTML 13Page - AZ Displays ATM0350D19 Datasheet HTML 14Page - AZ Displays ATM0350D19 Datasheet HTML 15Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ATM0350D19(
AZ DISPLAYS) TFT MODULE V1.0
AZ DISPLAYS
10
Note 2: Definition of optical measurement system.
The optical characteristics should be measured in dark room. After 30 minutes operation, the optical properties are
measured at the center point of the LCD screen. (Response time is measured by Photo detector TOPCON
Figure 4.2 Optical measurement system setup
Note 3: Definition of Response time
The response time is defined as the LCD optical switching time interval between “White” state and “Black” state. Rise
time (TON) is the time between photo detector output intensity changed from 90% to 10%. And fall time (TOFF) is the
time between photo detector output intensity changed from 10% to 90%.
Figure 4.3 Definition of response.


Similar Part No. - ATM0350D19

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0350D19-T AZDISPLAYS-ATM0350D19-T Datasheet
539Kb / 22P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ATM0350D19A AZDISPLAYS-ATM0350D19A Datasheet
519Kb / 17P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0350D19

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com