Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4140T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS4140T
Description  40 V, 1A NPN low VCEsat (BISS) transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4140T Datasheet(HTML) 6 Page - NXP Semiconductors

  PBSS4140T_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4140T_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2005 Feb 24
6
NXP Semiconductors
Product data sheet
40 V, 1A
NPN low VCEsat (BISS) transistor
PBSS4140T
handbook, halfpage
0
200
fT
(MHz)
IC (mA)
1000
400
300
100
0
200
400
600
800
MLD664
Fig.6
Transition frequency as a function of
collector current.
VCE = 10 V.


Similar Part No. - PBSS4140T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140T-215 NXP-PBSS4140T-215 Datasheet
275Kb / 9P
   40 V, 1A NPN low VCEsat (BISS) transistor
2005 Feb 24
logo
Nexperia B.V. All right...
PBSS4140T-Q NEXPERIA-PBSS4140T-Q Datasheet
210Kb / 11P
   40 V, 1 A NPN low VCEsat (BISS) transistor
15 December 2021
More results

Similar Description - PBSS4140T_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140T-215 NXP-PBSS4140T-215 Datasheet
275Kb / 9P
   40 V, 1A NPN low VCEsat (BISS) transistor
2005 Feb 24
PBSS4140T PHILIPS-PBSS4140T Datasheet
68Kb / 9P
   40 V, 1A NPN low VCEsat (BISS) transistor
2004 Mar 16
PBSS4440D PHILIPS-PBSS4440D_15 Datasheet
189Kb / 13P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS4440D NEXPERIA-PBSS4440D Datasheet
303Kb / 14P
   40 V NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
PBSS4240Z NEXPERIA-PBSS4240Z Datasheet
705Kb / 14P
   40 V, 2 A NPN low VCEsat (BISS) transistor
PBSS4140T NEXPERIA-PBSS4140T Datasheet
657Kb / 9P
   40 V, 1 A NPN low VCEsat (BISS) transistor
1 April 2023
logo
NXP Semiconductors
PBSS2540M PHILIPS-PBSS2540M Datasheet
73Kb / 9P
   40 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Jul 22
PBSS4240T NXP-PBSS4240T Datasheet
270Kb / 7P
   40 V; 2 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4540X NXP-PBSS4540X Datasheet
206Kb / 13P
   40 V, 5 A NPN low VCEsat (BISS) transistor
2004 Nov 04
PBSS4240Z PHILIPS-PBSS4240Z_15 Datasheet
217Kb / 14P
   40 V, 2 A NPN low VCEsat (BISS) transistor
16 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com