Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATM0177B3A-T Datasheet(PDF) 4 Page - AZ Displays

Part # ATM0177B3A-T
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

ATM0177B3A-T Datasheet(HTML) 4 Page - AZ Displays

  ATM0177B3A-T Datasheet HTML 1Page - AZ Displays ATM0177B3A-T Datasheet HTML 2Page - AZ Displays ATM0177B3A-T Datasheet HTML 3Page - AZ Displays ATM0177B3A-T Datasheet HTML 4Page - AZ Displays ATM0177B3A-T Datasheet HTML 5Page - AZ Displays ATM0177B3A-T Datasheet HTML 6Page - AZ Displays ATM0177B3A-T Datasheet HTML 7Page - AZ Displays ATM0177B3A-T Datasheet HTML 8Page - AZ Displays ATM0177B3A-T Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ATM0177B3A(AZ DISPLAYS)TFT MODULE VER1.0
AZ DISPLAYS
3
1. GENERAL SPECIFICATIONS
Item
Specification
Remark
1. LCD size
1.77 inch(Diagonal)
2. Driver element
a-Si TFT active matrix
3. Resolution
128x(RGB)x160
4. Display mode
Normally white , Transmissive
5. Dot Pitch (W*H)
0.073mm(W) x 0.219mm(H)
6. Pixel pitch(W*H)
0.219mm(W) x 0.219mm(H)
7. Active Area(W*H)
28.032mm(W) x 35.04mm(H)
8. Module size (W*H)
34.70mm(W) x 46.7mm(H) x 2.5mm(D)
Note 1
9. Surface treatment
Anti-glare
10. Color arrangement
RGB-stripe
11. Color
65K
12. Contrller
ILI9163V
13. Interface
4-wire SPI
14. Weight
5.4g(Typ.)
15. RoHS
RoHS compliant
Note 1: Please refer to mechanical drawing.


Similar Part No. - ATM0177B3A-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0177B3A AZDISPLAYS-ATM0177B3A Datasheet
333Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results

Similar Description - ATM0177B3A-T

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ACM1602T AZDISPLAYS-ACM1602T Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2002D AZDISPLAYS-ACM2002D Datasheet
366Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM2402C AZDISPLAYS-ACM2402C Datasheet
304Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM4004E AZDISPLAYS-ACM4004E Datasheet
322Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602E AZDISPLAYS-ACM1602E Datasheet
284Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
ACM1602K AZDISPLAYS-ACM1602K Datasheet
283Kb / 10P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AGM3224K AZDISPLAYS-AGM3224K Datasheet
384Kb / 16P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
ZETTLER Electronics
AGM2464B1 ZETTLER-AGM2464B1 Datasheet
148Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM1264D-MLG-YBS ZETTLER-AQM1264D-MLG-YBS Datasheet
309Kb / 11P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
AQM2412E-FLW-FBH ZETTLER-AQM2412E-FLW-FBH Datasheet
200Kb / 1P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
logo
AZ Displays
ATM0700L6L-CT AZDISPLAYS-ATM0700L6L-CT Datasheet
1Mb / 23P
   SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com