Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5022 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A5022
Description  Linear Power 40 dBm typ
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5022 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A5022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A5022 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Mechanical Specifications
Size
Length
7.7 in [195.58 mm]
Width
6.7 in [170.18 mm]
Height
0.985 in [25.02 mm]
.
Weight
3 lbs [1.36 Kg]
Input Connector
SMA Female
Output Connector
N Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-60 to +100 deg C
..
Humidity
0-100% Non-Condensing
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
PE15A5022
PE15A5022 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 50 dB Gain, 79 Watt Psat, 2.2 GHz to 2.7 GHz, High Power High Gain Amplifier, SMA
PE15A5022
50 dB Gain, 79 Watt Psat, 2.2 GHz to 2.7 GHz,
High Power High Gain Amplifier, SMA


Similar Part No. - PE15A5022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5020 PASTERNACK-PE15A5020 Datasheet
807Kb / 8P
   Unconditionally Stable
PE15A5021 PASTERNACK-PE15A5021 Datasheet
544Kb / 9P
   43 dB Gain, 3 Watt P1dB, 14.4 GHz to 15.4 GHz, Medium Power High Gain Amplifier, 41 dBm IP3, SMA
PE15A5023 PASTERNACK-PE15A5023 Datasheet
700Kb / 7P
   TECHNICAL DATA SHEET
PE15A5024 PASTERNACK-PE15A5024 Datasheet
538Kb / 5P
   Unconditionally Stable
PE15A5025 PASTERNACK-PE15A5025 Datasheet
435Kb / 5P
   2 GHz to 6 GHz Frequency Range
More results

Similar Description - PE15A5022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5035F PASTERNACK-PE15A5035F Datasheet
454Kb / 4P
   IP3 50 dBm typ
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
   IP3 34 dBm typ
PE15A5028 PASTERNACK-PE15A5028 Datasheet
659Kb / 6P
   IP3 48 dBm typ
PE15A3009 PASTERNACK-PE15A3009 Datasheet
495Kb / 5P
   Psat 28 dBm typ
logo
ANADIGICS, Inc
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
   PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
logo
Transcom, Inc.
TA053-059-41-40 TRANSCOM-TA053-059-41-40 Datasheet
16Kb / 1P
   5.3 - 5.9 GHz 40 dBm Amplifier
logo
Pasternack Enterprises,...
PE15A3595 PASTERNACK-PE15A3595 Datasheet
487Kb / 6P
   Gain of 40 dB typ
logo
Mini-Circuits
SYM-25DMHW MINI-SYM-25DMHW Datasheet
291Kb / 2P
   Level 13 (LO Power 13 dBm) 40 to 2500 MHz
logo
ANADIGICS, Inc
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
   Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com