Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4041SPN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4041SPN
Description  60 V NPN/PNP low VCEsat (BISS) transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4041SPN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4041SPN_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 14Page - NXP Semiconductors PBSS4041SPN_15 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
PBSS4041SPN
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 20 October 2010
11 of 20
NXP Semiconductors
PBSS4041SPN
60 V NPN/PNP low VCEsat (BISS) transistor
VCE = −2V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 13. TR2 (PNP): DC current gain as a function of
collector current; typical values
Fig 14. TR2 (PNP): Collector current as a function of
collector-emitter voltage; typical values
VCE = −2V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
IC/IB =20
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 15. TR2 (PNP): Base-emitter voltage as a function
of collector current; typical values
Fig 16. TR2 (PNP): Base-emitter saturation voltage as
a function of collector current; typical values
006aac358
200
300
100
400
500
hFE
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
VCE (V)
0.0
−5.0
−4.0
−2.0
−3.0
−1.0
006aac359
−4.0
−6.0
−2.0
−8.0
−10.0
IC
(A)
0.0
IB (mA) = −120
−12
−108
−24
−36
−60
−84
−48
−72
−96
006aac360
−0.4
−0.8
−1.2
VBE
(V)
0.0
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)
006aac361
−0.6
−1.0
−1.4
VBEsat
(V)
−0.2
IC (mA)
−10−1
−104
−103
−1
−102
−10
(1)
(2)
(3)


Similar Part No. - PBSS4041SPN_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
More results

Similar Description - PBSS4041SPN_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4260PANP NXP-PBSS4260PANP Datasheet
348Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4260PANP NEXPERIA-PBSS4260PANP Datasheet
855Kb / 21P
   60 V, 2 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANP NEXPERIA-PBSS4160PANP Datasheet
337Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
20 December 2017
logo
NXP Semiconductors
PBSS4160DPN PHILIPS-PBSS4160DPN_15 Datasheet
267Kb / 18P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160PANP PHILIPS-PBSS4160PANP_15 Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
PBSS4160DPN PHILIPS-PBSS4160DPN Datasheet
120Kb / 14P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-3 June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com