Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4041SP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PBSS4041SP
Description  60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4041SP Datasheet(HTML) 4 Page - NXP Semiconductors

  PBSS4041SP_15 Datasheet HTML 1Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 2Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 3Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4041SP_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PBSS4041SP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 18 October 2010
4 of 15
NXP Semiconductors
PBSS4041SP
60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
170
K/W
[2] --
125
K/W
[3] --
75
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
--
40
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] --
145
K/W
[2] --
90
K/W
[3] --
55
K/W
FR4 PCB, standard footprint
Fig 2.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aac335
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75


Similar Part No. - PBSS4041SP_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4041SPN NXP-PBSS4041SPN Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
logo
Nexperia B.V. All right...
PBSS4041SPN NEXPERIA-PBSS4041SPN Datasheet
1Mb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2 - 20 October 2010
logo
NXP Semiconductors
PBSS4041SPN PHILIPS-PBSS4041SPN_15 Datasheet
547Kb / 20P
   60 V NPN/PNP low VCEsat (BISS) transistor
Rev. 2-20 October 2010
More results

Similar Description - PBSS4041SP_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4041SP NEXPERIA-PBSS4041SP Datasheet
1Mb / 15P
   60 V, 5.9 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5160DS PHILIPS-PBSS5160DS_15 Datasheet
148Kb / 14P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
logo
Nexperia B.V. All right...
PBSS5260PAP NEXPERIA-PBSS5260PAP Datasheet
751Kb / 17P
   60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS5160PAP NXP-PBSS5160PAP Datasheet
276Kb / 17P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
23 January 2013
PBSS5260PAP NXP-PBSS5260PAP Datasheet
254Kb / 17P
   60 V, 2 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5160DS NXP-PBSS5160DS Datasheet
141Kb / 14P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03-9 October 2008
logo
Nexperia B.V. All right...
PBSS5160DS NEXPERIA-PBSS5160DS Datasheet
263Kb / 15P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
Rev. 03 - 9 October 2008
PBSS5160PAP NEXPERIA-PBSS5160PAP Datasheet
751Kb / 17P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
23 January 2013
PBSS5160PAPS NEXPERIA-PBSS5160PAPS Datasheet
763Kb / 19P
   60 V, 1 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS304PX NXP-PBSS304PX Datasheet
218Kb / 15P
   60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com