Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFHE4250DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFHE4250DPBF
Description  Low thermal resistance path to the PCB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFHE4250DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFHE4250DPBF_15 Datasheet HTML 1Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 2Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 3Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 4Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 5Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 6Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 7Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 8Page - International Rectifier IRFHE4250DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 
IRFHE4250DPbF
5
www.irf.com
© 2013 International Rectifier
September 26, 2013
Q1 - Control FET
Q2 - Synchronous FET
0
5
10
15
20
25
30
35
40
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 7.
Typical Capacitance vs. Drain-to-Source Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
102030 405060708090 100
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
ID= 30A
Fig 8.
Typical Capacitance vs. Drain-to-Source Voltage
Fig 9.
Typical Gate Charge vs. Gate-to-Source Voltage
Fig 10.
Typical Gate Charge vs. Gate-to-Source Voltage
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by
package
Fig 11.
Maximum Safe Operating Area
0.01
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec
DC
Limited by package
Fig 12.
Maximum Safe Operating Area


Similar Part No. - IRFHE4250DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH3702PBF IRF-IRFH3702PBF Datasheet
265Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
IRFH3702PBF IRF-IRFH3702PBF_10 Datasheet
280Kb / 10P
   HEXFET Power MOSFET
IRFH3702PBF IRF-IRFH3702PBF_15 Datasheet
280Kb / 10P
   Synchronous Buck Converter for Computer Processor Power
More results

Similar Description - IRFHE4250DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH8316PBF IRF-IRFH8316PBF Datasheet
262Kb / 9P
   Low Thermal Resistance to PCB
logo
Infineon Technologies A...
IRFHM9331 INFINEON-IRFHM9331 Datasheet
236Kb / 8P
   Low Thermal Resistance to PCB
2013-12-16
logo
International Rectifier
IRFHM9331TRPBF IRF-IRFHM9331TRPBF Datasheet
331Kb / 8P
   Low Thermal Resistance to PCB (<6.0째C/W)
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
logo
List of Unclassifed Man...
PC99 ETC2-PC99 Datasheet
664Kb / 1P
   Low thermal resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com