Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE15A5016 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE15A5016
Description  50 Ohms Input and Output Matched
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A5016 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A5016 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A5016 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A5016 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A5016 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A5016 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A5016 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE15A5016 is a Wideband GaN amplifier that is ideal for linear application including 5 W of Linear COFDM Power for video
and UAV/UGV data links. The amplifier can provide over 20 W of analog FM power. The high gain power coaxial amplifier
operating in the 6.4 to 7.1 GHz frequency range and high 58 dB typical small signal gain with the gain flatness of ±2 dB typical.
The driver amplifier requires typically a +33V DC power supply. The connectorized SMA module is unconditionally stable and
includes built-in voltage regulation, bias sequencing, and reverse bias protection for added reliability. The amplifier operates
over the temperature range of -10°C and +85°C.
Features
6.4 GHz to 7.1 GHz Frequency Range
Psat 20 W Typ
Linear COFDM Power Output 5 W
Small Signal Gain: 58 dB min
Gain Flatness: ±2 typical
50 Ohms Input and Output Matched
Unconditionally Stable
Regulated Supply & Bias Sequencing
Overvoltage Protection
Thermal Protection
Applications
COFDM Video
Analog FM Communications
UAV/UGV Data Link
L-band Military Radar
Communication Systems
High Gain Driver Power Amplifier
High Gain Output Power Amplifier
Electrical Specifications (TA = +25°C, DC Voltage = 33Volts)
Description
Minimum
Typical
Maximum
Units
Frequency Range
6.4
7.1
GHz
Small Signal Gain
58
dB
Gain Flatness
±2
dB
Psat
+43
dBm
Linear COFDM Power Output
+37
dBm
Input Return Loss
-15
-14
dB
Operating DC Voltage
33
Volts
Quiescent Current
750
mA
Operating Current at 5 Watts COFDM
2,300
mA
Operating Temperature Range
-10
+85
°C
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 58 dB Gain, 20 Watt Psat, 6.4 GHz to 7.1 GHz, High Power High Gain Amplifier, SMA
PE15A5016
PE15A5016
PE15A5016 REV 1.0
58 dB Gain, 20 Watt Psat, 6.4 GHz to 7.1 GHz,
High Power High Gain Amplifier, SMA


Similar Part No. - PE15A5016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5010 PASTERNACK-PE15A5010 Datasheet
521Kb / 8P
   58 dB Gain, 50 Watt P1dB, 925 MHz to 2 GHz, High Power High Gain Amplifier, 66 dBm IP3, SMA
PE15A5011 PASTERNACK-PE15A5011 Datasheet
503Kb / 7P
   0.03 GHz to 2.5 GHz Frequency Range
PE15A5013 PASTERNACK-PE15A5013 Datasheet
497Kb / 5P
   5 Watt P1dB, 500 MHz to 2.8 GHz, High Power Amplifier, 37 dB Gain, 52 dBm IP3, SMA
PE15A5014 PASTERNACK-PE15A5014 Datasheet
852Kb / 7P
   Unconditionally Stable
PE15A5015 PASTERNACK-PE15A5015 Datasheet
416Kb / 3P
   Unconditionally Stable
More results

Similar Description - PE15A5016

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A5031 PASTERNACK-PE15A5031 Datasheet
694Kb / 7P
   50 Ohms Input and Output Matched
PE15A5033 PASTERNACK-PE15A5033 Datasheet
701Kb / 8P
   50 Ohms Input and Output Matched
PE15A5031F PASTERNACK-PE15A5031F Datasheet
782Kb / 8P
   50 Ohms Input and Output Matched
PE15A5035 PASTERNACK-PE15A5035 Datasheet
669Kb / 7P
   50 Ohms Input and Output Matched
PE15A5032 PASTERNACK-PE15A5032 Datasheet
1Mb / 8P
   50 Ohms Input and Output Matched
PE15A5034 PASTERNACK-PE15A5034 Datasheet
792Kb / 7P
   50 Ohms Input and Output Matched
PE15A5028F PASTERNACK-PE15A5028F Datasheet
450Kb / 4P
   50 Ohms Input and Output Matched
PE15A5019 PASTERNACK-PE15A5019 Datasheet
732Kb / 7P
   50 Ohms Input and Output Matched
logo
Advanced Semiconductor
PDFP1000-1215 ASI-PDFP1000-1215 Datasheet
1Mb / 5P
   Input and Output Matched to 50 Ohms
logo
Pasternack Enterprises,...
PE15A3008 PASTERNACK-PE15A3008 Datasheet
596Kb / 5P
   50 Ohm Input and Output Matched
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com