Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4032PZ Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PBSS4032PZ
Description  30 V, 4.4 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4032PZ Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PBSS4032PZ_15 Datasheet HTML 4Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 5Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 6Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4032PZ_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PBSS4032PZ_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2010
8 of 15
NXP Semiconductors
PBSS4032PZ
30 V, 4.4 A PNP low VCEsat (BISS) transistor
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 9.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 10. Collector-emitter saturation voltage as a
function of collector current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 11. Collector-emitter saturation resistance as a
function of collector current; typical values
Fig 12. Collector-emitter saturation resistance as a
function of collector current; typical values
006aac148
−10−1
−1
VCEsat
(V)
−10−2
IC (mA)
−10−1
−105
−104
−103
−1
−102
−10
(1)
(3)
(2)
006aac149
IC (mA)
−10−1
−104
−103
−1
−102
−10
−10−1
−1
VCEsat
(V)
−10−2
(1)
(3)
(2)
IC (mA)
−10−1
−104
−103
−1
−102
−10
006aac150
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(1)
(2)
(3)
IC (mA)
−10−1
−104
−103
−1
−102
−10
006aac151
1
10−1
102
10
103
RCEsat
(
Ω)
10−2
(1)
(2)
(3)


Similar Part No. - PBSS4032PZ_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032PZ PHILIPS-PBSS4032PZ Datasheet
199Kb / 15P
   30 V, 4.4 A PNP low VCEsat (BISS) transistor
Rev. 01-31 March 2010
logo
Nexperia B.V. All right...
PBSS4032PZ NEXPERIA-PBSS4032PZ Datasheet
733Kb / 15P
   30 V, 4.4 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
More results

Similar Description - PBSS4032PZ_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032PZ PHILIPS-PBSS4032PZ Datasheet
199Kb / 15P
   30 V, 4.4 A PNP low VCEsat (BISS) transistor
Rev. 01-31 March 2010
logo
Nexperia B.V. All right...
PBSS4032PZ NEXPERIA-PBSS4032PZ Datasheet
733Kb / 15P
   30 V, 4.4 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
logo
NXP Semiconductors
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
PBSS303PX NXP-PBSS303PX Datasheet
197Kb / 15P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
   30 V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS4032PX PHILIPS-PBSS4032PX_15 Datasheet
197Kb / 15P
   30 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 01-1 April 2010
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com