Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4032PX Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PBSS4032PX
Description  30 V, 4.2 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4032PX Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PBSS4032PX_15 Datasheet HTML 7Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 8Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 9Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 10Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 11Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 12Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 13Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 14Page - NXP Semiconductors PBSS4032PX_15 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PBSS4032PX_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 1 April 2010
11 of 15
NXP Semiconductors
PBSS4032PX
30 V, 4.2 A PNP low VCEsat (BISS) transistor
11. Soldering
Fig 16. Reflow soldering footprint SOT89 (SC-62)
Fig 17. Wave soldering footprint SOT89 (SC-62)
solder lands
solder resist
occupied area
solder paste
sot089_fr
1.2
1.9
2
2.25
4.75
1
(3
×)
0.7
(3
×)
0.6
(3
×)
1.1
(2
×)
1.2
0.85
0.2
0.5
1.7
4.85
3.95
4.6
1.5
1.5
Dimensions in mm
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot089_fw
0.7
5.3
6.6
2.4
3.5
0.5
1.8
(2
×)
1.5
(2
×)
7.6
1.9
1.9
Dimensions in mm


Similar Part No. - PBSS4032PX_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4032PX NXP-PBSS4032PX Datasheet
197Kb / 15P
   General description
Rev. 01-1 April 2010
logo
Nexperia B.V. All right...
PBSS4032PX NEXPERIA-PBSS4032PX Datasheet
741Kb / 15P
   30 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 01 - 1 April 2010
More results

Similar Description - PBSS4032PX_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4032PX NEXPERIA-PBSS4032PX Datasheet
741Kb / 15P
   30 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 01 - 1 April 2010
PBSS304PX NEXPERIA-PBSS304PX Datasheet
331Kb / 16P
   60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009
logo
NXP Semiconductors
PBSS304PX NXP-PBSS304PX Datasheet
218Kb / 15P
   60 V, 4.2 A PNP low VCEsat (BISS) transistor
Rev. 02-8 December 2009
PBSS5130PAP NXP-PBSS5130PAP Datasheet
253Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
   30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
   30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
logo
NXP Semiconductors
PBSS4032PD NXP-PBSS4032PD Datasheet
190Kb / 14P
   30 V, 2.7 A PNP low VCEsat (BISS) transistor
Rev. 01-27 January 2010
PBSS303PX NXP-PBSS303PX Datasheet
197Kb / 15P
   30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
logo
Nexperia B.V. All right...
PBSS5330PAS NEXPERIA-PBSS5330PAS Datasheet
735Kb / 18P
   30 V, 3 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
   30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com