Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7932PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH7932PBF
Description  Synchronous MOSFET for Notebook Processor Power
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7932PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH7932PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7932PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
August 11, 2014
IRFH7932PbF
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
Fig 9. Maximum Drain Current Vs.
Ambient Temperature
Fig 10. Threshold Voltage Vs. Temperature
25
50
75
100
125
150
TJ , Ambient Temperature (°C)
0
5
10
15
20
25
30
-75
-50
-25
0
25
50
75
100 125 150
TJ , Temperature ( °C )
0.8
1.2
1.6
2.0
ID = 100µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
100
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthja + Tc
Ri (°C/W)
τi (sec)
0.54874
0.000128
2.05644
0.023270
7.36536
1.0678
6.44303
38.4
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4


Similar Part No. - IRFH7932PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7932PBF IRF-IRFH7932PBF Datasheet
217Kb / 9P
   HEXFET Power MOSFET
More results

Similar Description - IRFH7932PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7832TR IRF-IRF7832TR Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRFH7936TRPBF IRF-IRFH7936TRPBF Datasheet
295Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8252PBF IRF-IRF8252PBF_15 Datasheet
239Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7832PBF IRF-IRF7832PBF_15 Datasheet
268Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7842PBF IRF-IRF7842PBF_15 Datasheet
225Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717PBF-1 IRF-IRF3717PBF-1_15 Datasheet
258Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF7820PBF IRF-IRF7820PBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8736TRPBF IRF-IRF8736TRPBF Datasheet
253Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF7820TRPBF IRF-IRF7820TRPBF Datasheet
220Kb / 9P
   Synchronous MOSFET for Notebook Processor Power
IRF8113TRPBF IRF-IRF8113TRPBF Datasheet
272Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF3717TRPBF IRF-IRF3717TRPBF Datasheet
224Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com