Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT744A-UR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT744A-UR
Description  Axial Leaded LED Lamps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT744A-UR Datasheet(HTML) 1 Page - Marktech Corporate

  MT744A-UR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
367
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
Axial Leaded LED Lamps
Axial Leaded LED Lamps
Axial Leaded LED Lamps
Axial Leaded LED Lamps
Axial Leaded LED Lamps
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
• All plastic mold type
• Will fit in small space
• Low current operation
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
Note: Ultra bright red has reversed polarity.
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT144A-RG
30
5.0
85
-25~+85
-25~+100
MT244A-G
30
5.0
85
-25~+85
-25~+100
MT344A-Y
30
5.0
85
-25~+85
-25~+100
MT444A-O
30
5.0
85
-25~+85
-25~+100
MT444A-HR
30
5.0
85
-25~+85
-25~+100
MT744A-UR
30
4.0
70
-25~+85
-25~+100
MT134A-RG
30
5.0
85
-25~+85
-25~+100
MT234A-G
30
5.0
85
-25~+85
-25~+100
MT334A-Y
30
5.0
85
-25~+85
-25~+100
MT434A-HR
30
5.0
85
-25~+85
-25~+100
MT734A-UR
30
4.0
70
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT144A-RG
GaP
Red Clear
76°
1.9
4.9
20
2.1
3.0
20
100
5
700
MT244A-G
GaP
Green Clear
76°
7.7
12.8
20
2.1
3.0
20
100
5
567
MT344A-Y
GaAsP/GaP
Yellow Clear
76°
6.4
10.6
20
2.1
3.0
20
100
5
585
MT444A-O
GaAsP/GaP
Orange Clear
76°
8.9
14.9
20
2.1
3.0
20
100
5
635
MT444A-HR
GaAsP/GaP
Red Clear
76°
8.9
14.9
20
2.1
3.0
20
100
5
635
MT744A-UR
GaAlAs/GaAs
Red Clear
76°
35.0
90.0
20
1.9
2.5
20
100
4
660
MT134A-RG
GaP
Water Clear
76°
2.9
4.9
20
2.1
3.0
20
100
5
700
MT234A-G
GaP
Water Clear
76°
7.7
12.8
20
2.1
3.0
20
100
5
567
MT334A-Y
GaAsP/GaP
Water Clear
76°
6.4
10.6
20
2.1
3.0
20
100
5
585
MT434A-HR
GaAsP/GaP
Water Clear
76°
8.9
14.9
20
2.1
3.0
20
100
5
635
MT734A-UR
GaAlAs/GaAs
Water Clear
76°
35.0
90.0
20
1.9
2.5
20
100
4
660


Similar Part No. - MT744A-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT744A-UR MARKTECH-MT744A-UR Datasheet
224Kb / 1P
   Axial Leaded LED Lamps
More results

Similar Description - MT744A-UR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT134A MARKTECH-MT134A Datasheet
224Kb / 1P
   Axial Leaded LED Lamps
MT210-R MARKTECH-MT210-R Datasheet
29Kb / 1P
   AXIAL LEADED LED LAMPS
MT144AP-RG MARKTECH-MT144AP-RG Datasheet
39Kb / 1P
   Axial Leaded LED Lamps
MT1302A MARKTECH-MT1302A Datasheet
200Kb / 1P
   Axial Leaded LED Lamps
MT221-HR MARKTECH-MT221-HR Datasheet
38Kb / 1P
   AXIAL LEADED SPECIALTY LED LAMPS
logo
LUMEX INC.
SSL-LXA228GD-TR21 LUMEX-SSL-LXA228GD-TR21 Datasheet
68Kb / 1P
   Axial Leaded LED
logo
A-BRIGHT Inc
AL-XJF361 A-BRIGHT-AL-XJF361 Datasheet
339Kb / 5P
   Super Amber Axial LED Lamps AXIAL LED LAMPS
2006/10/18
AL-XA1361-F9 A-BRIGHT-AL-XA1361-F9 Datasheet
335Kb / 5P
   AXIAL LED LAMPS
2006/10/19
AL-XB3361-F7 A-BRIGHT-AL-XB3361-F7 Datasheet
338Kb / 5P
   AXIAL LED LAMPS
2006/10/18
logo
Yellow Stone Corp
BL-XE1361 YSTONE-BL-XE1361 Datasheet
676Kb / 1P
   AXIAL LED LAMPS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com