Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7914PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH7914PBF
Description  Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7914PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH7914PBF Datasheet HTML 1Page - International Rectifier IRFH7914PBF Datasheet HTML 2Page - International Rectifier IRFH7914PBF Datasheet HTML 3Page - International Rectifier IRFH7914PBF Datasheet HTML 4Page - International Rectifier IRFH7914PBF Datasheet HTML 5Page - International Rectifier IRFH7914PBF Datasheet HTML 6Page - International Rectifier IRFH7914PBF Datasheet HTML 7Page - International Rectifier IRFH7914PBF Datasheet HTML 8Page - International Rectifier IRFH7914PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFH7914PbF
www.irf.com © 2013 International Rectifier
August 16, 2013
4
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
2
4
6
8 10 12 14 16 18 20 22
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 24V
VDS= 15V
ID= 11A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
TA = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC


Similar Part No. - IRFH7914PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7914PBF IRF-IRFH7914PBF Datasheet
254Kb / 9P
   HEXFET Power MOSFET
IRFH7914PBF IRF-IRFH7914PBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
More results

Similar Description - IRFH7914PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7934PBF IRF-IRFH7934PBF_15 Datasheet
265Kb / 10P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRFH7914TRPBF IRF-IRFH7914TRPBF Datasheet
304Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8707GTRPBF IRF-IRF8707GTRPBF Datasheet
252Kb / 9P
   Control MOSFET of Sync-Buck  Converters used for Notebook  Processor Power
IRF8714GTRPBF IRF-IRF8714GTRPBF Datasheet
254Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF8714PBF-1 IRF-IRF8714PBF-1_15 Datasheet
225Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF_15 Datasheet
289Kb / 10P
   Control FET for Notebook Processor Power
IRF7807ZPBF IRF-IRF7807ZPBF_15 Datasheet
220Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
   Control FET for Notebook Processor Power
IRF7413ZTRPBF IRF-IRF7413ZTRPBF Datasheet
272Kb / 10P
   Control FET for Notebook Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com