Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7882PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFH7882PBF
Description  Optimized for Secondary Side Synchronous Rectification
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7882PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFH7882PBF_15 Datasheet HTML 1Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 2Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7882PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
 
IRFH7882PbF
3
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
May 5, 2015
Fig 1. Typical Output Characteristics
Fig 4. Normalized On-Resistance vs. Temperature
Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage
Fig 5. Typical Capacitance vs. Drain-to-Source Voltage
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
1
2
3
4
5
6
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 50V
60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
0.9
1.3
1.7
2.1
ID = 50A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
1000000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
10
2030
405060
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 64V
VDS= 40V
VDS= 16V
ID= 50A
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
60µs PULSE WIDTH
Tj = 150°C
4.0V
VGS
TOP
15V
10V
7.0V
6.5V
5.5V
5.0V
4.5V
BOTTOM
4.0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
7.0V
6.5V
5.5V
5.0V
4.5V
BOTTOM
4.0V
60µs PULSE WIDTH
Tj = 25°C
4.0V


Similar Part No. - IRFH7882PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7885PBF IRF-IRFH7885PBF Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
   Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
More results

Similar Description - IRFH7882PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7184PBF IRF-IRFH7184PBF_15 Datasheet
516Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH7190PBF IRF-IRFH7190PBF_15 Datasheet
503Kb / 9P
   Optimized for Secondary Side Synchronous Rectification
IRFH7182PBF IRF-IRFH7182PBF_15 Datasheet
541Kb / 8P
   Optimized for Secondary Side Synchronous Rectification
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com