Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4173-HR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT4173-HR
Description  Marktech Rectangular Reflector Cap LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4173-HR Datasheet(HTML) 1 Page - Marktech Corporate

  MT4173-HR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
358
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
R
R
R
R
Ref
ef
ef
ef
eflector Ca
lector Ca
lector Ca
lector Ca
lector Cap R
p R
p R
p R
p Rectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
ectangular LED Lamps
• Diffused lens
• All plastic mold type
• Low drive current
• Other colors/materials available
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
ANODE
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT1173-RG
30
5.0
85
-25~+85
-25~+100
MT2173-G
30
5.0
85
-25~+85
-25~+100
MT3173-Y
30
5.0
85
-25~+85
-25~+100
MT4173-O
30
5.0
85
-25~+85
-25~+100
MT4173-HR
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT1173-RG
GaP
Red Diff
60°
2.0
3.4
20
2.1
3.0
20
100
5
700
MT2173-G
GaP
Green Diff
60°
5.3
8.8
20
2.1
3.0
20
100
5
567
MT3173-Y
GaAsP/GaP
Yellow Diff
60°
4.3
7.2
20
2.1
3.0
20
100
5
585
MT4173-O
GaAsP/GaP
Orange Diff
60°
6.1
10.1
20
2.1
3.0
20
100
5
635
MT4173-HR
GaAsP/GaP
Red Diff
60°
6.1
10.1
20
2.1
3.0
20
100
5
635


Similar Part No. - MT4173-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4103-HR MARKTECH-MT4103-HR Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT4103-HR-A MARKTECH-MT4103-HR-A Datasheet
128Kb / 3P
   Standard LEDs
MT4103-O MARKTECH-MT4103-O Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT4103-O-A MARKTECH-MT4103-O-A Datasheet
165Kb / 3P
   Standard LEDs
MT4112-HR MARKTECH-MT4112-HR Datasheet
137Kb / 2P
   CYLINDRICAL LED LAMPS
More results

Similar Description - MT4173-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
   Marktech Rectangular 2x5mm LEDs
MT2053-RG MARKTECH-MT2053-RG Datasheet
33Kb / 1P
   Marktech Rectangular Bi?묬olor 2 Leaded LEDs
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
   Marktech 0805 SMT LEDs
MTSM135K-RG MARKTECH-MTSM135K-RG Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
   Marktech 1206 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
   Marktech 0603 SMT LEDs
MTSM2142A-UR MARKTECH-MTSM2142A-UR Datasheet
32Kb / 2P
   Marktech Domed Lens SMT LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
   Marktech Low Current 5mm LEDs
MT4093-G MARKTECH-MT4093-G Datasheet
32Kb / 2P
   Marktech Low Current 3mm LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com