Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS-570GB-U4A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # DS-570GB-U4A1E
Description  Intel짰 Celeron짰 N2930/ J1900 Quad-Core??SoC with Advanced (NVIDIA GeForce GT 730M) Graphics Digital Signage Platform
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DS-570GB-U4A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  DS-570GB-U4A1E Datasheet HTML 1Page - Advantech Co., Ltd. DS-570GB-U4A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
DS-570
DS-570 External I/O
Front
Back
PWR Button
GLAN
Mic In Antenna
DC-IN
USB 3.0
GLAN
HDMI
USB 2.0
SPDIF/ Line-Out
VGA
DP++
USB 2.0
COM
Power cord & Specific power adapter
Part number
Description
1700001524
3-pin power cord (US)
170203183C
3-pin power cord (EU)
170203180A
3-pin power cord (UK)
1700008921
3-pin power cord with PSE (Japan)
1700019146
3-pin power cord with CCC (China)
Embedded OS
Part number
Description
2070012897
Image WES7E 64bit, DS-570, EN/TC/SC/JP
2070012896
Image WES7P 64bit, DS-570, EN/TC/SC/JP
2070013046
Image WE8S DS-570 x64 V6.5.2 Eng/Jpn/SC/TC
Before the OS installation, the OS selection should be set and matched what OS applied
from BIOS.
Optional Items
Part number
Description
AMO-WIFI06E
Realtek/wifi 802.11bgn/miniPCIe, cable,antenna
AMO-WIFI07E
DHXA/wifi802.11abgn+BT4.0/miniPCIe, cable,
antenna
AMO-HSDPA02E
U-blox/HSDPA 6band/miniPCIe, cable, antenna
Packing List
Part number
Description
-
1x DS-570 unit
-
1x Bracket sets for power adapter
-
2x Mount brackets
-
1x Power adapter
-
1x China RoHS
Ordering Information
Part number
Description
DS-570GB-U4A1E
DS-570, J1900+GeForce GT730M, barebone
DS-570GF-U4A1E
DS-570, J1900+GeForce GT730M, 2G RAM, 500G HDD
DS-570GQ-U4A1E
DS-570, J1900+GeForce GT730M, 2GRAM, 500GHDD,
WES7P
DS-570GB-S8A1E
DS-570, N2930+GeForce GT730M, barebone
DS-570GF-S8A1E
DS-570, N2930+GeForce GT730M, 2G RAM, 500G HDD
DS-570GQ-S8A1E
DS-570, N2930+GeForce GT730M, 2G RAM, 500G HDD,
WES7P
220 [8.661]
235.40 [9.268]
247.40 [9.740]
ø7 [ø0.276]
ø3.50
[ø0.138]


Similar Part No. - DS-570GB-U4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-570UDS1-G1E-C ADVANTECH-DS-570UDS1-G1E-C Datasheet
1Mb / 3P
   Increasing Shopper Engagement and Sales
More results

Similar Description - DS-570GB-U4A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
DS-370 ADVANTECH-DS-370_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-370 ADVANTECH-DS-370 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 Fanless Digital Signage Player
DS-270 ADVANTECH-DS-270_15 Datasheet
673Kb / 2P
   OPS Intel Celeron J1900 Quad-Core SoC with Advanced NVIDIA GeForce GT730M Graphics up to 4K resolution
DS-580 ADVANTECH-DS-580 Datasheet
590Kb / 2P
   4K Digital Signage Player with Integrated nVIDIA GT Graphics for Independent Quad Displays
4-Dec-2020
ARK-DS520 ADVANTECH-ARK-DS520_14 Datasheet
2Mb / 2P
   Advanced (ION2 based) Graphics Digital Signage Platform
ARK-2121F ADVANTECH-ARK-2121F_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2121L ADVANTECH-ARK-2121L_15 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2121LA2 ADVANTECH-ARK-2121LA2 Datasheet
1Mb / 2P
   Intel짰 Celeron짰 Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
15-Dec-2020
logo
List of Unclassifed Man...
MG-C1037SL ETC2-MG-C1037SL Datasheet
346Kb / 1P
   nVIDIA GeForce GT630 Graphics
logo
Advantech Co., Ltd.
DS-060SERIES ADVANTECH-DS-060SERIES_14 Datasheet
934Kb / 2P
   Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com