Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIMB-203G2-00A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-203G2-00A1E
Description  Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-203G2-00A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-203G2-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-203G2-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
ƒ Supports Intel® 4th Gen Core™ i processor (LGA1150) with Intel H81 chipset
ƒ Two 204-pin SO-DIMM up to 16 GB DDR3 1600 MHz SDRAM
ƒ Supports dual display of CRT/DVI/DP++/LVDs
ƒ Supports PCIe x16 (Gen 2) and two mini PCIe
ƒ Supports SUSIAccess and Embedded Software APIs
AIMB-203 Intel®Core™i7/i5/i3LGA1150Mini-ITXwith
CRT/DP++/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
Specifications
Processor System
CPU
i7-4790S
i7-4770S
i7-4770TE
i5-4590S/
4590T
i5-4570S
i5-4570TE
i3-4360/
4350T/4340TE
i3-4330
i3-4330TE
Pentium
G3420
Pentium
G3320TE
Core Number
4
4
4
4/4
4
2
2/2/2
2
2
2
2
Max Speed
3.2GHz
3.1 GHz
2.3 GHz
3.0/2.0 GHz 2.9 GHz
2.7 GHz
3.7/3.1/2.6 GHz 3.5 GHz
2.4 GHz
3.2 GHz
2.3 GHz
L3 Cache
8M
8M
8M
6M/6M
6M
4M
4M/4M/4M
4M
4M
3M
3M
TDP (W)
65W
65W
45W
65W/35W
65W
35W
54W/35W/35W
54W
35W
54W
35W
Chipset
H81
BIOS
AMI EFI 64 Mbit SPI
Expansion Slot
PCI
-
Mini-PCIe
2, F/S x 1 support mSATA, H/S x 1 with SIM card holder
PCIe x16 (Gen2)
8 GB/s per direction, 1 slot
Memory
Technology
Dual Channel DDR3/DDR3L @1.5V 1333/1600 MHz SDRAM
Max. Capacity
16 GB/8 GB per SO-DIMM
Socket
2 x 204-pin DDR3 SO-DIMM (Non-ECC)
Graphics
Controller
Supports DirectX11.1, OpenGL 4.0 and OpenCL 1.2
CRT
Yes, supports max. resolution 1920 x 1200 @ 60Hz
LVDS
Supports dual channel 48 bit up to 1920 x 1200
Display Part 1.2
Supports max resolution 3840 x 2160 @ 60Hz
DVI
Supports max. resolution 1920 x 1200 @ 60Hz
Dual Display
CRT/LVDS, CRT/DP, CRT/DVI, LVDS/DP, LVDS/DVI, DP/DVI
Ethernet
Interface
10/100/1000 Mbps
Controller
GbE LAN1: Realtek 8111E; GbE LAN2: Realtek 8111E
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
600 MB/s (SATA 3.0) / 300MB/s (SATA 2.0)
Channel
2 / 1
Rear I/O
CRT
1
DVI-D
1
Display Port 1.2
1
Ethernet
2
USB
4 (2 USB 3.0 & 2 USB 2.0)
Audio
3 (Mic-in, Line-out, Line-in)
Serial
1(RS-232; COM 1 supports 5V/12V)
PS/2
2 (1 x keyboard and 1 x mouse)
Internal Connector
USB
4 (USB 2.0 compliant)
LVDS/inverter
1/1
Serial
8 (7 x RS-232, 1 x RS-232/422/485; COM 5 supports RS-232/422/485 auto flow control; COM 2 supports 5V/12V by jumper selection)
IDE
-
SATA
2 (SATA 3.0); 1 (SATA2.0)
Mini-PCIe
2 (1 x F/S; 1 x H/S)
Parallel
1
IrDA
-
GPIO
8-bit
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirements
Typical Power
Consumption
Win Idle 16.266 W (Intel Core i7-4770S 3.1GHz / DDR3 1600MHz 8GB x 2)
Environment
Operating
Non-Operating
Temperature
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler solution
-40 ~ 85° C (-40 ~ 185° F)
Physical Characteristics
Dimensions
170 x 170 mm (6.69" x 6.69")
Watchdog
H/W Monitor
SMBus
GPIO
Brightness
BIOS flash Monitoring
Standard 7
Utilities:
Software APIs:
NEW
All product specifications are subject to change without notice
Last updated : 15-Jan-2015


Similar Part No. - AIMB-203G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-201DS ADVANTECH-AIMB-201DS Datasheet
634Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 uFC-PGA988 Mini-ITX with 3 HDMI(CEC), 1 COM, Single LAN
AIMB-201VG-DSA1E ADVANTECH-AIMB-201VG-DSA1E Datasheet
634Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron짰 uFC-PGA988 Mini-ITX with 3 HDMI(CEC), 1 COM, Single LAN
AIMB-205 ADVANTECH-AIMB-205 Datasheet
756Kb / 2P
   Intel® Core™ i7/i5/i3 LGA 1151 Mini-ITX with VGA/DP/DVI-D/LVDS(eDP), 8 COM, Dual LAN, PCIe x16, M.2, DDR4
24-Jun-2021
AIMB-205G2-00A1E ADVANTECH-AIMB-205G2-00A1E Datasheet
756Kb / 2P
   Intel® Core™ i7/i5/i3 LGA 1151 Mini-ITX with VGA/DP/DVI-D/LVDS(eDP), 8 COM, Dual LAN, PCIe x16, M.2, DDR4
24-Jun-2021
More results

Similar Description - AIMB-203G2-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
AIMB-280 ADVANTECH-AIMB-280_12 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Pentium짰 LGA1156 Mini-ITX with CRT/DVI, 2 COM, Dual LAN, PCIe x16
AIMB-272 ADVANTECH-AIMB-272 Datasheet
2Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with CRT/DVI/HDMI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-270 ADVANTECH-AIMB-270_12 Datasheet
2Mb / 2P
   Intel짰 Core??i7/i5/Celeron uFC-PGA989 Mini-ITX with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-275 ADVANTECH-AIMB-275 Datasheet
3Mb / 140P
   Intel짰 Core??i7/i5/i3/Pentium/ Celeron LGA1151 Mini-ITX with CRT/LVDS/HDMI/DP, 2 COM, Dual LAN, PCIe x16, 12 ~ 24 V DCIN
AIMB-275G2-00A1E ADVANTECH-AIMB-275G2-00A1E Datasheet
906Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX with VGA/DP/HDMI/LVDS(eDP), 2 COM, Dual LAN, PCIe x16, M.2, DDR4, DC Input
24-Apr-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com