Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4403-HR Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT4403-HR
Description  Marktech Standard 5mm Tinted & Colored Diff. LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4403-HR Datasheet(HTML) 1 Page - Marktech Corporate

  MT4403-HR Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
351
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Standar
Standar
Standar
Standar
Standarddddd T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
T-1 LED Lamps
• Excellent on/off contrasts
• Solid state reliability
• Choice of diffused or color clear lens
• Other colors/materials available
• Can be packaged on tape in a reel or
in a box
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT1103-RG
30
5.0
85
-25~+85
-25~+100
MT2103-G
30
5.0
85
-25~+85
-25~+100
MT3103-Y
30
5.0
85
-25~+85
-25~+100
MT4103-O
30
5.0
85
-25~+85
-25~+100
MT4103-HR
30
5.0
85
-25~+85
-25~+100
MT1403-RG
30
5.0
85
-25~+85
-25~+100
MT2403-G
30
5.0
85
-25~+85
-25~+100
MT3403-Y
30
5.0
85
-25~+85
-25~+100
MT4403-O
30
5.0
85
-25~+85
-25~+100
MT4403-HR
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT1103-RG
GaP
Red Diff
56°
1.0
2.4
20
2.1
3.0
20
100
5
700
MT2103-G
GaP
Green Diff
56°
4.8
40.0
20
2.1
3.0
20
100
5
567
MT3103-Y
GaAsP/GaP
Yellow Diff
56°
4.0
25.0
20
2.1
3.0
20
100
5
585
MT4103-O
GaAsP/GaP
Orange Diff
56°
5.6
35.0
20
2.1
3.0
20
100
5
635
MT4103-HR
GaAsP/GaP
Red Diff
56°
5.6
35.0
20
2.1
3.0
20
100
5
635
MT1403-RG
GaP
Red Clear
36°
3.2
8.2
20
2.1
3.0
20
100
5
700
MT2403-G
GaP
Green Clear
36°
16.0
80.0
20
2.1
3.0
20
100
5
567
MT3403-Y
GaAsP/GaP
Yellow Clear
36°
13.4
60.0
20
2.1
3.0
20
100
5
585
MT4403-O
GaAsP/GaP
Orange Clear
36°
18.8
75.0
20
2.1
3.0
20
100
5
635
MT4403-HR
GaAsP/GaP
Red Clear
36°
18.8
75.0
20
2.1
3.0
20
100
5
635


Similar Part No. - MT4403-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT440-G MARKTECH-MT440-G Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-HR MARKTECH-MT440-HR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-O MARKTECH-MT440-O Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-UG MARKTECH-MT440-UG Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
MT440-UR MARKTECH-MT440-UR Datasheet
48Kb / 1P
   LOW PROFILE T-1 3/4 LED LAMPS
More results

Similar Description - MT4403-HR

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
   Marktech Standard 5mm White Diff. & Water Clear LEDs
MT305-SLG MARKTECH-MT305-SLG Datasheet
33Kb / 2P
   Marktech Low Current 5mm LEDs
MT1133-RG MARKTECH-MT1133-RG Datasheet
38Kb / 1P
   Marktech Standard 10mm LEDs
MT4093-HR MARKTECH-MT4093-HR Datasheet
33Kb / 1P
   Marktech Low Current 5mm LEDs
MT2118-GSB MARKTECH-MT2118-GSB Datasheet
32Kb / 1P
   Marktech Standard 5mm w/Standoffs
MT7320-UR MARKTECH-MT7320-UR Datasheet
27Kb / 1P
   Marktech 5mm Tapered 20 Ultra Bright LEDs
MT7386-UR MARKTECH-MT7386-UR Datasheet
28Kb / 2P
   Marktech 5mm Tapered 26쨘 Ultra Bright LEDs
MT2118-CUG MARKTECH-MT2118-CUG Datasheet
34Kb / 1P
   Marktech 5mm Ultra Bright Y G LEDs
MTA2264-YG MARKTECH-MTA2264-YG Datasheet
37Kb / 1P
   Marktech RT Angle Quad PCB MT 5mm LEDs
MT5491-HRG MARKTECH-MT5491-HRG Datasheet
42Kb / 2P
   Marktech 2 Leaded 5mm Tri−State LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com