Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT1164GS4-RG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT1164GS4-RG
Description  Packaged LEDS/PCB Mount Indicators?
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT1164GS4-RG Datasheet(HTML) 1 Page - Marktech Corporate

  MT1164GS4-RG Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
388
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
• Low Current Requirements
• High Light Output
• Reliable and Rugged
• IC Compatible
• Wire leaded
RADIA
RADIA
RADIA
RADIA
RADIATION P
TION P
TION P
TION P
TION PA
A
A
A
ATTERN
TTERN
TTERN
TTERN
TTERN
P
PP
P
Pac
ac
ac
ac
acka
ka
ka
ka
kaggggged LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indica
ed LEDS/PCB Mount Indicator
tor
tor
tor
torsssss
PART NO.
PEAK
WAVE
LENGTH
(nm)
EMITTED
COLOR
LENS
COLOR
MAXIMUM RATINGS
OPTO-ELECTRICAL
CHARACTERISTICS
Viewing
Angle
2
θθθθ½
IF
(mA)
VR
(V)
PD
(mW)
VF(V)
IV(mcd)
typ.
max.
@mA
min.
typ.
@mA
MT1164GS4-RG
700
RED
R.D.
30
5
100
2.1
3.0
20
2.5
4.1
20
42
MT2164S4-G
567
GREEN
G.D.
30
5
100
2.1
2.6
20
12.0
20.0
20
42
MT3164S4-Y
585
YELLOW
Y.D.
30
5
100
2.1
3.0
20
9.8
16.4
20
42
MT4164S4-O
635
ORANGE
O.D.
30
5
100
2.1
3.0
20
13.9
23.2
20
42
MT4164S4-HR
635
ORANGE
R.D.
30
5
100
2.1
3.0
20
13.9
23.2
20
42
Operating Temperature: -40~+60, Storage Temperature: -40~+60.


Similar Part No. - MT1164GS4-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1164-RGCT MARKTECH-MT1164-RGCT Datasheet
34Kb / 1P
   Marktech RT Angle Std. Single PCB MT 5mm
MT1164S2-RG MARKTECH-MT1164S2-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators?
MT1164S3-RG MARKTECH-MT1164S3-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1164S4-RG-A MARKTECH-MT1164S4-RG-A Datasheet
172Kb / 3P
   Standard LEDs
More results

Similar Description - MT1164GS4-RG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTA1163-YG MARKTECH-MTA1163-YG Datasheet
65Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1164S3-RG MARKTECH-MT1164S3-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1163S2-RG MARKTECH-MT1163S2-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators
MT1164S2-RG MARKTECH-MT1164S2-RG Datasheet
66Kb / 1P
   Packaged LEDS/PCB Mount Indicators?
logo
Fairchild Semiconductor
MV5064.MP4A FAIRCHILD-MV5064.MP4A Datasheet
376Kb / 7P
   PCB MOUNT LED INDICATORS
logo
QT Optoelectronics
MV5000 QT-MV5000 Datasheet
70Kb / 6P
   PCB MOUNT LED INDICATORS
MV5000MP1 QT-MV5000MP1 Datasheet
88Kb / 6P
   PCB MOUNT LED INDICATORS
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
103-305-04 MARL-103-305-04_13 Datasheet
208Kb / 5P
   pcb led indicators
104-505-04 MARL-104-505-04_13 Datasheet
164Kb / 4P
   pcb led indicators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com