Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4133-O Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT4133-O
Description  Marktech Standard 10mm LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT4133-O Datasheet(HTML) 1 Page - Marktech Corporate

  MT4133-O Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
355
120 Broadway • Menands, New York 12204
Toll Free:
(800) 98-4LEDS • Fax: (518) 432-7454
marktech
optoelectronics
For up-to-date product info visit our web site at www.marktechopto.com
All specifications subject to change.
FEA
FEA
FEA
FEA
FEATURES
TURES
TURES
TURES
TURES
Standar
Standar
Standar
Standar
Standard 10mm LED Lamps
d 10mm LED Lamps
d 10mm LED Lamps
d 10mm LED Lamps
d 10mm LED Lamps
• Excellent on/off contrasts
• Solid state reliability
• Choice of color or white diffused lens
• Other colors/materials available
OPT
OPT
OPT
OPT
OPTO-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARA
O-ELECTRICAL CHARACTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (T
CTERISTICS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RA
MAXIMUM RATINGS (T
TINGS (T
TINGS (T
TINGS (T
TINGS (Ta = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
a = 25°C)
ANODE
PART NO.
FORWARD
CURRENT(I
F)
(mA)
REVERSE
VOLTAGE (V
R)
(V)
POWER
DISSIPATION (P
D)
(mW)
OPERATING
TEMPERATURE (T
opr)
(°C)
STORAGE
TEMPERATURE (T
stg)
(ºC)
MT1133-RG
30
5.0
85
-25~+85
-25~+100
MT2133-G
30
5.0
85
-25~+85
-25~+100
MT3133-Y
30
5.0
85
-25~+85
-25~+100
MT4133-O
30
5.0
85
-25~+85
-25~+100
MT4133-HR
30
5.0
85
-25~+85
-25~+100
MT1233-RG
30
5.0
85
-25~+85
-25~+100
MT2233-G
30
5.0
85
-25~+85
-25~+100
MT3233-Y
30
5.0
85
-25~+85
-25~+100
MT4233-O
30
5.0
85
-25~+85
-25~+100
PART NO.
MATERIAL
LENS
COLOR
VIEWING
ANGLE
typ.
LUMINOUS INTENSITY
(mcd)
FORWARD VOLTAGE
(V)
REVERSE
CURRENT
PEAK WAVE
LENGTH
min.
typ.
@mA
typ.
max.
@mA
µA
Vr
nm
MT1133-RG
GaP
Red Diff
34°
1.2
3.0
20
2.1
3.0
20
100
5
700
MT2133-G
GaP
Green Diff
34°
6.0
90.0
20
2.1
3.0
20
100
5
567
MT3133-Y
GaAsP/GaP
Yellow Diff
34°
4.8
90.0
20
2.1
3.0
20
100
5
585
MT4133-O
GaAsP/GaP
Orange Diff
34°
6.8
45.0
20
2.1
3.0
20
100
5
635
MT4133-HR
GaAsP/GaP
Red Diff
34°
6.8
45.0
20
2.1
3.0
20
100
5
635
MT1233-RG
GaP
White Diff
34°
1.2
3.0
20
2.1
3.0
20
100
5
700
MT2233-G
GaP
White Diff
34°
6.0
90.0
20
2.1
3.0
20
100
5
567
MT3233-Y
GaAsP/GaP
White Diff
34°
4.8
90.0
20
2.1
3.0
20
100
5
585
MT4233-O
GaAsP/GaP
White Diff
34°
6.8
45.0
20
2.1
3.0
20
100
5
635


Similar Part No. - MT4133-O

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT4103-HR MARKTECH-MT4103-HR Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT4103-HR-A MARKTECH-MT4103-HR-A Datasheet
128Kb / 3P
   Standard LEDs
MT4103-O MARKTECH-MT4103-O Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT4103-O-A MARKTECH-MT4103-O-A Datasheet
165Kb / 3P
   Standard LEDs
MT4112-HR MARKTECH-MT4112-HR Datasheet
137Kb / 2P
   CYLINDRICAL LED LAMPS
More results

Similar Description - MT4133-O

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7133-UR MARKTECH-MT7133-UR Datasheet
35Kb / 1P
   Marktech 10mm Ultra Bright LEDs
MT9081-HRG MARKTECH-MT9081-HRG Datasheet
30Kb / 2P
   Marktech 3 Leaded 10mm Bi−Color LEDs
MT1103-RG MARKTECH-MT1103-RG Datasheet
38Kb / 1P
   Marktech Standard 5mm Tinted & Colored Diff. LEDs
MT1218-RG MARKTECH-MT1218-RG Datasheet
35Kb / 1P
   Marktech Standard 5mm White Diff. & Water Clear LEDs
MTSM7100LB-AR MARKTECH-MTSM7100LB-AR Datasheet
71Kb / 2P
   Marktech 0805 SMT LEDs
MTSM135K-RG MARKTECH-MTSM135K-RG Datasheet
44Kb / 1P
   Marktech 1210 SMT LEDs
MT1152-RG MARKTECH-MT1152-RG Datasheet
31Kb / 1P
   Marktech Rectangular 2x5mm LEDs
MTSM5100LB-UA MARKTECH-MTSM5100LB-UA Datasheet
69Kb / 2P
   Marktech 1206 SMT LEDs
MTSM9100LB-AR MARKTECH-MTSM9100LB-AR Datasheet
64Kb / 2P
   Marktech 0603 SMT LEDs
logo
OptoSupply Internationa...
OSV5YLA131A OPTOSUPPLY-OSV5YLA131A Datasheet
103Kb / 2P
   10mm Round Violet LED 10mm Round Standard Directivity High Luminous LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com