Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2130T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MUN2130T1G
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2130T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MUN2130T1G Datasheet HTML 1Page - ON Semiconductor MUN2130T1G Datasheet HTML 2Page - ON Semiconductor MUN2130T1G Datasheet HTML 3Page - ON Semiconductor MUN2130T1G Datasheet HTML 4Page - ON Semiconductor MUN2130T1G Datasheet HTML 5Page - ON Semiconductor MUN2130T1G Datasheet HTML 6Page - ON Semiconductor MUN2130T1G Datasheet HTML 7Page - ON Semiconductor MUN2130T1G Datasheet HTML 8Page - ON Semiconductor MUN2130T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MUN2130, MMUN2130L, MUN5130, DTA113EE, DTA113EM3, NSBA113EF3
www.onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping
MUN2130T1G
6G
SC−59
(Pb−Free)
3000 / Tape & Reel
MMUN2130LT1G
A6G
SOT−23
(Pb−Free)
3000 / Tape & Reel
MUN5130T1G
6G
SC−70/SOT−323
(Pb−Free)
3000 / Tape & Reel
DTA113EET1G
6G
SC−75
(Pb−Free)
3000 / Tape & Reel
DTA113EM3T5G, NSVDTA113EM3T5G*
7E
SOT−723
(Pb−Free)
8000 / Tape & Reel
NSBA113EF3T5G
L (180
°)**
SOT−1123
(Pb−Free)
8000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*S and NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC-Q101 Qualified and
PPAP Capable.
** (xx
°) = Degree rotation in the clockwise direction.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (
°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2) (3) (4) (5)
(1) SC−75 and SC−70/SOT323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−23; Minimum Pad
(4) SOT−1123; 100 mm2, 1 oz. copper trace
(5) SOT−723; Minimum Pad


Similar Part No. - MUN2130T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2130T1G ONSEMI-MUN2130T1G Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
MUN2130T1G ONSEMI-MUN2130T1G Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
More results

Similar Description - MUN2130T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com