Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TE Datasheet(PDF) 5 Page - ON Semiconductor

Part # DTA114TE
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114TE Datasheet(HTML) 5 Page - ON Semiconductor

  DTA114TE Datasheet HTML 1Page - ON Semiconductor DTA114TE Datasheet HTML 2Page - ON Semiconductor DTA114TE Datasheet HTML 3Page - ON Semiconductor DTA114TE Datasheet HTML 4Page - ON Semiconductor DTA114TE Datasheet HTML 5Page - ON Semiconductor DTA114TE Datasheet HTML 6Page - ON Semiconductor DTA114TE Datasheet HTML 7Page - ON Semiconductor DTA114TE Datasheet HTML 8Page - ON Semiconductor DTA114TE Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2115, MMUN2115L, MUN5115, DTA114TE, DTA114TM3, NSBA114TF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2115, MMUN2115L, MUN5115, DTA114TE, DTA114TM3
75°C
25°C
−25°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
Figure 6. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
6
50
40
30
20
10
0
0
2
4
8
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
75°C
25°C
TA = −25°C
0.01
0.01
0.1
30
10
VCE = 10 V
f = 10 kHz
lE = 0 A
TA = 25°C
VO = 5 V
VO = 0.2 V
5
1
3
7
9
IC/IB = 10


Similar Part No. - DTA114TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTA114TE ROHM-DTA114TE Datasheet
1Mb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Jiangsu Changjiang Elec...
DTA114TE JIANGSU-DTA114TE Datasheet
78Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA114TE TSC-DTA114TE Datasheet
97Kb / 2P
   PNP Digital Transistor
logo
Weitron Technology
DTA114TE WEITRON-DTA114TE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results

Similar Description - DTA114TE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2130 ONSEMI-MUN2130_15 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com