Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2130 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MUN2130
Description  PNP Transistors with Monolithic Bias Resistor Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUN2130 Datasheet(HTML) 4 Page - ON Semiconductor

  MUN2130 Datasheet HTML 1Page - ON Semiconductor MUN2130 Datasheet HTML 2Page - ON Semiconductor MUN2130 Datasheet HTML 3Page - ON Semiconductor MUN2130 Datasheet HTML 4Page - ON Semiconductor MUN2130 Datasheet HTML 5Page - ON Semiconductor MUN2130 Datasheet HTML 6Page - ON Semiconductor MUN2130 Datasheet HTML 7Page - ON Semiconductor MUN2130 Datasheet HTML 8Page - ON Semiconductor MUN2130 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MUN2130, MMUN2130L, MUN5130, DTA113EE, DTA113EM3, NSBA113EF3
www.onsemi.com
4
Table 2. THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
THERMAL CHARACTERISTICS (SC−59) (MUN2130)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
230
338
1.8
2.7
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
540
370
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
264
287
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−23) (MMUN2130L)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
246
400
2.0
3.2
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
508
311
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
174
208
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−70/SOT−323) (MUN5130)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
202
310
1.6
2.5
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
618
403
°C/W
Thermal Resistance,
(Note 1)
Junction to Lead
(Note 2)
RqJL
280
332
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−75) (DTA113EE)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
200
300
1.6
2.4
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
600
400
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−723) (DTA113EM3)
Total Device Dissipation
TA = 25°C
(Note 1)
(Note 2)
Derate above 25
°C
(Note 1)
(Note 2)
PD
260
600
2.0
4.8
mW
mW/
°C
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
480
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.


Similar Part No. - MUN2130

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2130 WEITRON-MUN2130 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
MUN2130 WEITRON-MUN2130 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2130 ONSEMI-MUN2130 Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
MUN2130 ONSEMI-MUN2130 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Yea Shin Technology Co....
MUN2130 YEASHIN-MUN2130 Datasheet
924Kb / 8P
   PNP Silicon Surface Mount Transistors
More results

Similar Description - MUN2130

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2131 ONSEMI-MUN2131_15 Datasheet
103Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 4
MUN2135 ONSEMI-MUN2135 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
MUN2115 ONSEMI-MUN2115_13 Datasheet
149Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2138 ONSEMI-MUN2138_13 Datasheet
144Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MUN2137 ONSEMI-MUN2137_15 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MMUN2141L ONSEMI-MMUN2141L Datasheet
143Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
DTA113EM3 ONSEMI-DTA113EM3 Datasheet
137Kb / 10P
   PNP Transistors with Monolithic Bias Resistor Network
February, 2013 ??Rev. 2
MMUN2114L ONSEMI-MMUN2114L Datasheet
148Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
November, 2012 ??Rev. 2
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com