Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJL21196G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJL21196G
Description  Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL21196G Datasheet(HTML) 1 Page - ON Semiconductor

  MJL21196G Datasheet HTML 1Page - ON Semiconductor MJL21196G Datasheet HTML 2Page - ON Semiconductor MJL21196G Datasheet HTML 3Page - ON Semiconductor MJL21196G Datasheet HTML 4Page - ON Semiconductor MJL21196G Datasheet HTML 5Page - ON Semiconductor MJL21196G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 5
1
Publication Order Number:
MJL21195/D
MJL21195(PNP),
MJL21196(NPN)
Silicon Power Transistors
The MJL21195 and MJL21196 utilize Perforated Emitter
technology and are specifically designed for high power audio output,
disk head positioners and linear applications.
Features
Total Harmonic Distortion Characterized
High DC Current Gain
Excellent Gain Linearity
High SOA
Epoxy Meets UL 94, V−0 @ 0.125 in
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
250
Vdc
Collector−Base Voltage
VCBO
400
Vdc
Emitter−Base Voltage
VEBO
5
Vdc
Collector−Emitter Voltage − 1.5 V
VCEX
400
Vdc
Collector Current − Continuous
IC
16
Adc
Collector Current − Peak (Note 1)
ICM
30
Adc
Base Current − Continuous
IB
5
Adc
Total Power Dissipation
@ TC = 25°C
Derate Above 25
°C
PD
200
1.43
W
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 65 to +150
°C
ESD − Human Body Model
HBM
3B
V
ESD − Machine Model
MM
C
V
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width = 5.0
ms, Duty Cycle ≤10%.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
0.7
°C/W
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−264
CASE 340G
STYLE 2
http://onsemi.com
16 A COMPLEMENTARY
SILICON POWER
TRANSISTORS
250 V, 200 W
x
= 5 or 6
A
= Assembly Location
YY
= Year
WW
= Work Week
G
= Pb−Free Package
MJL2119x
AYYWWG
MARKING
DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MJL21195G
TO−264
(Pb−Free)
25 Units / Rail
MJL21196G
TO−264
(Pb−Free)
25 Units / Rail
COMPLEMENTARY
1
BASE
3
EMITTER
COLLECTOR
2
1
BASE
3
EMITTER
COLLECTOR
2
1
2
3


Similar Part No. - MJL21196G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21196G ONSEMI-MJL21196G Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
MJL21196G ONSEMI-MJL21196G Datasheet
132Kb / 6P
   Silicon Power Transistors
June, 2010 ??Rev. 4
logo
Thinki Semiconductor Co...
MJL21196G THINKISEMI-MJL21196G Datasheet
2Mb / 6P
   200 Watt Silicon Epitaxial Planar NPN Type Power Transistor
Rev.13T
More results

Similar Description - MJL21196G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com