Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJL21195 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJL21195
Description  Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJL21195 Datasheet(HTML) 3 Page - ON Semiconductor

  MJL21195 Datasheet HTML 1Page - ON Semiconductor MJL21195 Datasheet HTML 2Page - ON Semiconductor MJL21195 Datasheet HTML 3Page - ON Semiconductor MJL21195 Datasheet HTML 4Page - ON Semiconductor MJL21195 Datasheet HTML 5Page - ON Semiconductor MJL21195 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJL21195 (PNP), MJL21196 (NPN)
http://onsemi.com
3
Figure 3. DC Current Gain, VCE = 20 V
Figure 4. DC Current Gain, VCE = 20 V
Figure 5. DC Current Gain, VCE = 5 V
Figure 6. DC Current Gain, VCE = 5 V
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
Figure 7. Typical Output Characteristics
VCE, COLLECTOR−EMITTER VOLTAGE (V)
Figure 8. Typical Output Characteristics
PNP MJL21195
NPN MJL21196
TYPICAL CHARACTERISTICS
PNP MJL21195
PNP MJL21195
NPN MJL21196
NPN MJL21196
1000
100
10
100
10
1.0
0.1
1000
10
100
10
1.0
0.1
1000
100
10
100
10
1.0
0.1
1000
10
100
10
1.0
0.1
30
0
25
20
15
10
5.0
0
5.0
10
15
20
25
30
0
25
20
15
5.0
0
5.0
10
15
20
25
10
VCE = 20 V
TJ = 100°C
25
°C
-25
°C
VCE = 20 V
TJ = 100°C
25
°C
-25
°C
VCE = 5 V
TJ = 100°C
25
°C
-25
°C
VCE = 5 V
TJ = 100°C
25
°C
-25
°C
TJ = 25°C
IB = 0.5 A
1.0 A
1.5 A
2.0 A
TJ = 25°C
IB = 0.5 A
1.0 A
1.5 A
2.0 A
100
100


Similar Part No. - MJL21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJL21195 ONSEMI-MJL21195 Datasheet
135Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
MJL21195 ONSEMI-MJL21195 Datasheet
164Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
June, 2005 ??Rev. 3
MJL21195 ONSEMI-MJL21195 Datasheet
132Kb / 6P
   Silicon Power Transistors
June, 2010 ??Rev. 4
logo
Inchange Semiconductor ...
MJL21195 ISC-MJL21195 Datasheet
291Kb / 2P
   Silicon PNP Power Transistor
logo
Thinki Semiconductor Co...
MJL21195A THINKISEMI-MJL21195A Datasheet
2Mb / 6P
   200 Watt Silicon Epitaxial Planar PNP Type Power Transistor
Rev.13T
More results

Similar Description - MJL21195

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com