Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF15030G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJF15030G
Description  Complementary Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF15030G Datasheet(HTML) 3 Page - ON Semiconductor

  MJF15030G Datasheet HTML 1Page - ON Semiconductor MJF15030G Datasheet HTML 2Page - ON Semiconductor MJF15030G Datasheet HTML 3Page - ON Semiconductor MJF15030G Datasheet HTML 4Page - ON Semiconductor MJF15030G Datasheet HTML 5Page - ON Semiconductor MJF15030G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJF15030 (NPN), MJF15031 (PNP)
http://onsemi.com
3
Figure 2. Forward Bias Safe Operating Area
100
ms
5 ms
dc
20
3
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
5
200
5
3
10
2
0.1
0.03
WIREBOND LIMIT
THERMAL LIMIT
SECONDARY BREAKDOWN
LIMIT @ TC = 25°C
10
30
50
70
1
0.02
100
27
20
0.05
0.2
0.3
0.5
150
There are two limitations on the power handling ability of
a transistor: average junction temperature and second
breakdown. Safe operating area curves indicate IC − VCE
limits of the transistor that must be observed for reliable
operation, i.e., the transistor must not be subjected to greater
dissipation than the curves indicate.
The data of Figures 2 and 3 is based on TJ(pk) = 150_C;
TC is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in
Figure 1. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
IC, COLLECTOR CURRENT (AMP)
60
f, FREQUENCY (MHz)
0
Figure 3. Reverse Bias Switching Safe
Operating Area
Figure 4. Capacitances
10
VR, REVERSE VOLTAGE (VOLTS)
30
50
100
Figure 5. Small−Signal Current Gain
Figure 6. Current Gain — Bandwidth Product
1000
50
500
1.5
Cib (NPN)
150
100
200
10
7
90
20
50
100
NPN
5
3
30
5
50
10
20
100
0.1
5
10
0.5
2
0.2
1
5 V
8
100
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
110
5
2
1
130
150
3
0
0
120
140
VBE(off) = 9 V
IC/IB = 10
TC = 25°C
VCE = 10 V
IC = 0.5 A
TC = 25°C
10
0.5
5
10
13
0.7
27
30
20
Cib (PNP)
PNP
(NPN)
(PNP)
0 V
1.5 V
3 V
Cob (PNP)
Cob (NPN)


Similar Part No. - MJF15030G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF15030G ONSEMI-MJF15030G Datasheet
143Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS 8 AMPERES 150 VOLTS, 36 WATTS
April, 2006 ??Rev. 5
MJF15030G ONSEMI-MJF15030G Datasheet
139Kb / 6P
   Complementary Power Transistors
July, 2008 ??Rev. 6
More results

Similar Description - MJF15030G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com