Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF6668G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJF6668G
Description  Complementary Power Darlingtons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJF6668G Datasheet(HTML) 5 Page - ON Semiconductor

  MJF6668G Datasheet HTML 1Page - ON Semiconductor MJF6668G Datasheet HTML 2Page - ON Semiconductor MJF6668G Datasheet HTML 3Page - ON Semiconductor MJF6668G Datasheet HTML 4Page - ON Semiconductor MJF6668G Datasheet HTML 5Page - ON Semiconductor MJF6668G Datasheet HTML 6Page - ON Semiconductor MJF6668G Datasheet HTML 7Page - ON Semiconductor MJF6668G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJF6388 (NPN), MJF6668 (PNP)
http://onsemi.com
5
70
300
30
200
100
50
VR, REVERSE VOLTAGE (VOLTS)
Cib
Cob
0.1
100
5
1
0.5
10
50
0.2
2
20
TJ = 25°C
NPN
MJF6388
PNP
MJF6668
70
300
30
200
100
50
VR, REVERSE VOLTAGE (VOLTS)
Cib
Cob
0.1
100
5
1
0.5
10
50
0.2
2
20
TJ = 25°C
IC, COLLECTOR CURRENT (AMP)
0.1
IC, COLLECTOR CURRENT (AMP)
200
0.2
0.5
3000
1000
10,000
VCE = 4 V
TJ = 150°C
5000
0.3
1
25
°C
-55
°C
2000
0.7
3
20,000
300
500
510
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
0.3
0.5 0.7
5
23
IC = 2 A
4 A
1
6 A
TJ = 25°C
3
1
720
30
IB, BASE CURRENT (mA)
2.6
2.2
1.8
1.4
10
3
1
200
3000
1000
10,000
5000
2000
20,000
300
500
2
7
0.1
0.2
0.5
0.3
1
0.7
3
5
10
27
VCE = 4 V
TJ = 150°C
25
°C
-55
°C
IC = 2 A
4 A
6 A
700
7000
Figure 8. Typical Capacitance
Figure 9. Typical DC Current Gain
Figure 10. Typical Collector Saturation Region
0.3
0.5 0.7
5
23
1
7
20
30
10
TJ = 25°C


Similar Part No. - MJF6668G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6668G ONSEMI-MJF6668G Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
MJF6668G ONSEMI-MJF6668G Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
More results

Similar Description - MJF6668G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
MJF127 NJSEMI-MJF127 Datasheet
99Kb / 2P
   Complementary Power Darlingtons
MJ900 NJSEMI-MJ900 Datasheet
115Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
logo
Comset Semiconductor
MJ3000 COMSET-MJ3000 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ900 COMSET-MJ900 Datasheet
175Kb / 4P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500 Datasheet
174Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
MJ2500 COMSET-MJ2500_12 Datasheet
78Kb / 3P
   COMPLEMENTARY POWER DARLINGTONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com