Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCH4020-TL-H Datasheet(PDF) 1 Page - ON Semiconductor

Part # MCH4020-TL-H
Description  RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCH4020-TL-H Datasheet(HTML) 1 Page - ON Semiconductor

  MCH4020-TL-H Datasheet HTML 1Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 2Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 3Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 4Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 5Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 6Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 7Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 8Page - ON Semiconductor MCH4020-TL-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
72512 TKIM/80608AB TIIM TC-00001498 No. A1280-1/11
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
MCH4020
RF Transistor
8V, 150mA, fT=16GHz, NPN Single MCPH4
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Low-noise use : NF=1.2dB typ (f=1GHz)
High cut-off frequency : fT=16GHz typ (VCE=5V)
High gain : |S21e|
2=17.5dB typ (f=1GHz)
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
8V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
150
mA
Collector Dissipation
PC
400
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Package Dimensions
unit : mm (typ)
7020A-002
Ordering number : ENA1280A
Product & Package Information
• Package
: MCPH4
• JEITA, JEDEC
: SC-82, SC-82AB, SOT-343
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
GT
TL
1 : Collector
2 : Emitter
3 : Base
4 : Emitter
MCPH4
2.0
0.3
0.65
0.15
0 to 0.02
43
12
43
12
1
2-4
3
MCH4020-TL-H


Similar Part No. - MCH4020-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4020-TL-H SANYO-MCH4020-TL-H Datasheet
470Kb / 11P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
ON Semiconductor
MCH4020-TL-H ONSEMI-MCH4020-TL-H Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
More results

Similar Description - MCH4020-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH6001 ONSEMI-MCH6001 Datasheet
492Kb / 6P
   RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
MCH4009 ONSEMI-MCH4009 Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
MCH4009-TL-H ONSEMI-MCH4009-TL-H Datasheet
372Kb / 15P
   RF Transistor 3.5V, 40mA, fT=25GHz, NPN Single MCPH4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
2SC5347A ONSEMI-2SC5347A Datasheet
318Kb / 8P
   RF Transistor 12V, 150mA, fT=4.7GHz, NPN Single PCP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com