Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1106A Datasheet(PDF) 5 Page - ON Semiconductor

Part # ENA1106A
Description  RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA1106A Datasheet(HTML) 5 Page - ON Semiconductor

  ENA1106A Datasheet HTML 1Page - ON Semiconductor ENA1106A Datasheet HTML 2Page - ON Semiconductor ENA1106A Datasheet HTML 3Page - ON Semiconductor ENA1106A Datasheet HTML 4Page - ON Semiconductor ENA1106A Datasheet HTML 5Page - ON Semiconductor ENA1106A Datasheet HTML 6Page - ON Semiconductor ENA1106A Datasheet HTML 7Page - ON Semiconductor ENA1106A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
15GN03CA
No. A1106-5/8
S Parameters (Common emitter)
VCE=5V, IC=15mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.506
-103.02
14.843
116.40
0.020
52.22
0.680
-19.13
200
0.433
-139.11
8.300
98.87
0.027
55.27
0.595
-17.41
300
0.418
-156.74
5.691
89.86
0.032
60.47
0.571
-17.79
400
0.416
-167.49
4.336
83.26
0.040
65.01
0.567
-19.20
500
0.423
-175.59
3.518
77.72
0.047
70.77
0.564
-21.38
600
0.434
177.94
2.949
72.99
0.056
75.36
0.566
-23.76
700
0.441
172.60
2.558
68.36
0.064
77.18
0.566
-26.43
800
0.454
167.70
2.257
64.14
0.073
80.34
0.573
-29.43
900
0.468
163.21
2.026
60.20
0.084
82.23
0.576
-32.58
1000
0.478
159.35
1.833
56.21
0.094
82.82
0.579
-35.40
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.473
-110.94
15.555
113.24
0.018
48.75
0.651
-18.99
200
0.420
-144.96
8.504
96.80
0.025
55.46
0.577
-16.75
300
0.412
-160.51
5.806
88.35
0.032
64.32
0.556
-16.94
400
0.412
-170.47
4.415
81.97
0.040
69.43
0.553
-18.38
500
0.423
-177.81
3.567
76.52
0.047
73.49
0.552
-20.62
600
0.434
176.33
2.998
72.06
0.054
76.85
0.554
-23.22
700
0.443
171.32
2.597
67.40
0.064
79.43
0.555
-25.76
800
0.457
166.61
2.289
62.99
0.075
80.21
0.562
-28.77
900
0.470
162.56
2.044
58.98
0.084
82.61
0.567
-31.92
1000
0.484
159.03
1.849
54.97
0.095
83.62
0.572
-34.90
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.444
-121.15
16.032
109.59
0.018
56.45
0.620
-18.33
200
0.414
-151.46
8.590
94.42
0.023
58.54
0.558
-15.68
300
0.413
-164.93
5.826
86.42
0.031
69.33
0.543
-15.93
400
0.418
-173.75
4.420
80.00
0.040
71.41
0.541
-17.58
500
0.429
179.87
3.560
74.72
0.048
75.89
0.545
-19.95
600
0.442
174.95
2.980
69.97
0.056
78.14
0.546
-22.37
700
0.454
170.06
2.575
65.31
0.067
79.78
0.550
-25.11
800
0.467
165.62
2.268
61.02
0.077
81.97
0.556
-27.94
900
0.485
161.83
2.027
57.14
0.086
83.95
0.563
-31.50
1000
0.497
158.27
1.829
53.02
0.096
84.97
0.570
-34.37
VCE=5V, IC=50mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.436
-135.54
15.112
105.16
0.016
53.23
0.591
-16.61
200
0.431
-160.16
7.915
91.13
0.021
62.83
0.547
-14.06
300
0.439
-170.89
5.332
83.37
0.030
71.57
0.538
-15.05
400
0.447
-177.86
4.022
77.04
0.039
75.43
0.538
-16.92
500
0.462
176.77
3.231
71.43
0.046
77.82
0.543
-19.30
600
0.477
172.03
2.708
66.71
0.057
81.23
0.548
-22.35
700
0.490
167.59
2.318
61.92
0.065
82.45
0.553
-25.43
800
0.507
163.59
2.037
57.52
0.076
84.13
0.559
-28.69
900
0.523
159.90
1.813
53.42
0.087
86.15
0.566
-32.45
1000
0.539
156.32
1.629
49.36
0.099
87.07
0.573
-35.73


Similar Part No. - ENA1106A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1106A SANYO-ENA1106A Datasheet
394Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
More results

Similar Description - ENA1106A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com