Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH7004PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFH7004PBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH7004PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFH7004PBF_15 Datasheet HTML 3Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 4Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 5Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 6Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 7Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 8Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 9Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 10Page - International Rectifier IRFH7004PBF_15 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRFH7004PbF
11
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 17, 2015
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
† Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Applicable version of JEDEC standard at the time of product release.
MS L1
(per JE DEC J-S TD-020D
†† )
RoHS compliant
Yes
(per JE DEC JES D47F
†† guidelines )
Qualification information
Industrial
Qualification level
Moisture Sensitivity Level
PQFN 5mm x 6mm
Revision History
Date
Comment
• Updated EAS (L =1mH) = 479mJ on page 2
• Updated note 10 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50Ω, IAS = 31A, VGS =10V”. on page 2
3/17/2015
• Updated package outline and tape and reel on pages 9 and 10.
2/19/2015


Similar Part No. - IRFH7004PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH7004PBF IRF-IRFH7004PBF Datasheet
253Kb / 10P
   Brushed Motor drive applications
More results

Similar Description - IRFH7004PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com