Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5406PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFH5406PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5406PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFH5406PBF Datasheet HTML 1Page - International Rectifier IRFH5406PBF Datasheet HTML 2Page - International Rectifier IRFH5406PBF Datasheet HTML 3Page - International Rectifier IRFH5406PBF Datasheet HTML 4Page - International Rectifier IRFH5406PBF Datasheet HTML 5Page - International Rectifier IRFH5406PBF Datasheet HTML 6Page - International Rectifier IRFH5406PBF Datasheet HTML 7Page - International Rectifier IRFH5406PBF Datasheet HTML 8Page - International Rectifier IRFH5406PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
www.irf.com© 2015 International Rectifier
Submit Datasheet Feedback
March 12, 2015
IRFH5406PbF
S
D
G
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC (Bottom)
Junction-to-Case f
–––
2.7
RθJC (Top)
Junction-to-Case
f
–––
15
°C/W
RθJA
Junction-to-Ambient g
–––
35
RθJA (<10s)
Junction-to-Ambient
g
–––
22
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.07
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11.4
14.4
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-8.6
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
20
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
27
–––
–––
S
Qg
Total Gate Charge
–––
21
32
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.6
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.9
–––
Qgd
Gate-to-Drain Charge
–––
6.5
–––
Qgodr
Gate Charge Overdrive
–––
9
–––
Qsw
Switch Charge (Qgs2 + Qgd)
–––
8.4
–––
Qoss
Output Charge
–––
7.4
–––
nC
RG
Gate Resistance
–––
1.1
–––
Ω
td(on)
Turn-On Delay Time
–––
5.4
–––
tr
Rise Time
–––
8.7
–––
td(off)
Turn-Off Delay Time
–––
12
–––
tf
Fall Time
–––
3.5
–––
Ciss
Input Capacitance
–––
1256
–––
Coss
Output Capacitance
–––
206
–––
Crss
Reverse Transfer Capacitance
–––
92
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
20
30
ns
Qrr
Reverse Recovery Charge
–––
74
111
nC
ton
Forward Turn-On Time
Time is dominated by parasitic Inductance
MOSFET symbol
nA
ns
A
pF
nC
VDS = 30V
–––
VGS = 20V
VGS = -20V
–––
–––
160
–––
–––
40
Conditions
VGS = 0V, ID = 250uA
Reference to 25°C, ID = 1.0mA
VGS = 10V, ID = 24A e
Conditions
Max.
45
24
ƒ = 1.0MHz
TJ = 25°C, IF = 24A, VDD = 30V
di/dt = 500A/μs
TJ = 25°C, IS = 24A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
–––
RG=1.7Ω
VDS = 25V, ID = 24A
VDS = 60V, VGS = 0V, TJ = 125°C
μA
ID = 24A
ID = 24A
VGS = 0V
VDS = 25V
VDS = VGS, ID = 50μA
VGS = 10V
Typ.
VDS = 60V, VGS = 0V
VDS = 16V, VGS = 0V
VDD = 30V, VGS = 10V


Similar Part No. - IRFH5406PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFH5406PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com