Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5306PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFH5306PBF
Description  Control MOSFET for buck converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5306PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFH5306PBF_15 Datasheet HTML 1Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 2Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 3Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 4Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 5Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 6Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 7Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 8Page - International Rectifier IRFH5306PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFH5306PbF
4
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 17, 2015
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 25μA
ID = 500μA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
25
50
75
100
125
150
TC , Case Temperature (°C)
0
5
10
15
20
25
30
35
40
45
0.2
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 150°C
VGS = 0V
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100μsec
1msec
10msec


Similar Part No. - IRFH5306PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
More results

Similar Description - IRFH5306PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFHM831TRPBF IRF-IRFHM831TRPBF Datasheet
262Kb / 8P
   Control MOSFET for Buck Converters
IRFH5306PBF IRF-IRFH5306PBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
IRFH5304PBF IRF-IRFH5304PBF_15 Datasheet
243Kb / 9P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH5304PBF INFINEON-IRFH5304PBF Datasheet
1,008Kb / 10P
   Control MOSFET for Buck Converters
Rev. 2.4, 2021-03-19
IRFHM831PBF INFINEON-IRFHM831PBF Datasheet
480Kb / 10P
   Control MOSFET for Buck Converters
2016-2-26
logo
International Rectifier
IRFH5306TRPBF IRF-IRFH5306TRPBF Datasheet
246Kb / 8P
   Control MOSFET for buck converters
IRFH5304TRPBF IRF-IRFH5304TRPBF Datasheet
349Kb / 8P
   Control MOSFET for buck converters
logo
Infineon Technologies A...
IRFH8330PBF INFINEON-IRFH8330PBF Datasheet
1Mb / 10P
   Control MOSFET for high frequency buck converters
Rev. 2.4, 2020-10-15
logo
International Rectifier
IRFH8330PBF IRF-IRFH8330PBF Datasheet
318Kb / 9P
   Control MOSFET for high frequency buck converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com