Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5204PBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH5204PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5204PBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH5204PBF Datasheet HTML 1Page - International Rectifier IRFH5204PBF Datasheet HTML 2Page - International Rectifier IRFH5204PBF Datasheet HTML 3Page - International Rectifier IRFH5204PBF Datasheet HTML 4Page - International Rectifier IRFH5204PBF Datasheet HTML 5Page - International Rectifier IRFH5204PBF Datasheet HTML 6Page - International Rectifier IRFH5204PBF Datasheet HTML 7Page - International Rectifier IRFH5204PBF Datasheet HTML 8Page - International Rectifier IRFH5204PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
March 12, 2015
IRFH5204PbF
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 14b. Unclamped Inductive Waveforms
Fig 14a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 15a. Switching Time Test Circuit
Fig 15b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1
RD
VGS
RG
D.U.T.
10V
+
-VDD
VGS
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
350
400
450
ID
TOP
6.9A
16A
BOTTOM 50A
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
2
4
6
8
10
12
ID = 50A
TJ = 25°C
TJ = 125°C


Similar Part No. - IRFH5204PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5204PBF IRF-IRFH5204PBF Datasheet
295Kb / 8P
   Secondary Side Synchronous Rectification, Inverters for DC Motors
More results

Similar Description - IRFH5204PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com