Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH5010PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFH5010PBF
Description  Secondary Side Synchronous Rectification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH5010PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFH5010PBF Datasheet HTML 1Page - International Rectifier IRFH5010PBF Datasheet HTML 2Page - International Rectifier IRFH5010PBF Datasheet HTML 3Page - International Rectifier IRFH5010PBF Datasheet HTML 4Page - International Rectifier IRFH5010PBF Datasheet HTML 5Page - International Rectifier IRFH5010PBF Datasheet HTML 6Page - International Rectifier IRFH5010PBF Datasheet HTML 7Page - International Rectifier IRFH5010PBF Datasheet HTML 8Page - International Rectifier IRFH5010PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
May 19, 2015
IRFH5010PbF
Fig 4. Normalized On-Resistance Vs. Temperature
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 6. Typical Gate Charge Vs.Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.Drain-to-Source Voltage
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VDS = 50V
≤60μs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 50A
VGS = 10V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
7.00V
5.00V
4.50V
4.25V
4.00V
BOTTOM
3.75V
≤60μs PULSE WIDTH
Tj = 25°C
3.75V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
3.75V
≤60μs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
7.00V
5.00V
4.50V
4.25V
4.00V
BOTTOM
3.75V
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
20406080
100
QG, Total Gate Charge (nC)
0
2
4
6
8
10
12
14
VDS= 80V
VDS= 50V
VDS= 20V
ID= 50A


Similar Part No. - IRFH5010PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5010PBF IRF-IRFH5010PBF Datasheet
306Kb / 8P
   HEXFET Power MOSFET
More results

Similar Description - IRFH5010PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5104PBF IRF-IRFH5104PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5204PBF IRF-IRFH5204PBF_15 Datasheet
241Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com