Electronic Components Datasheet Search |
|
V23990-P629-L63-PM Datasheet(PDF) 9 Page - Vincotech |
|
V23990-P629-L63-PM Datasheet(HTML) 9 Page - Vincotech |
9 / 19 page V23990-P629-L63-PM Figure 17 D1, D2, D3, D4, D5, D6 Figure 18 D1, D2, D3, D4, D5, D6 Typical rate of fall of forward Typical rate of fall of forward and reverse recovery current as a and reverse recovery current as a function of collector current function of IGBT turn on gate resistor dI0/dt,dIrec/dt = f(Ic) dI0/dt,dIrec/dt = f(Rgon) At At Tj = 25/125 °C Tj = 25/125 °C VCE = 700 V VR = 700 V VGE = 15 V IF = 40 A Rgon = 4 VGS = 15 V Figure 19 T1, T2 Figure 20 D1, D2, D3, D4, D5, D6 IGBT/MOSFET transient thermal impedance FWD transient thermal impedance as a function of pulse width as a function of pulse width ZthJH = f(tp) ZthJH = f(tp) At At D = tp / T D = tp / T RthJH = 0,65 K/W RthJH = 0,79 K/W RthJH = 1,17 K/W RthJH = 1,36 K/W R (C/W) Tau (s) R (C/W) Tau (s) R (C/W) Tau (s) R (C/W) Tau (s) 0,173 0,561 0,208 0,561 0,043 9,803 0,050 9,80 0,381 0,125 0,459 0,125 0,101 0,815 0,118 0,82 0,078 0,010 0,094 0,010 0,383 0,098 0,445 0,10 -0,003 0,048 -0,004 0,048 0,308 0,026 0,358 0,03 0,026 0,001 0,032 0,001 0,233 0,005 0,271 0,01 0,098 0,001 0,114 0,00 T1, T2 IGBT thermal model values FWD thermal model values Phase-Change Material Thermal grease Phase-Change Material Thermal grease Phase-Change Material Thermal grease Phase-Change Material Thermal grease 0 2000 4000 6000 8000 10000 0 4 8 12 16 20 R Gon ( Ω) dI0/dt dIrec/dt t p (s) 10 0 10 -1 10 -2 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -5 D = 0,5 0,2 0,1 0,05 0,02 0,01 0,005 0.000 10 t p (s) 10 1 10 0 10 -1 10 -2 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -5 D = 0,5 0,2 0,1 0,05 0,02 0,01 0,005 0.000 0 2000 4000 6000 8000 10000 0 20 40 60 80 I C (A) dI0/dt dIrec/dt copyright Vincotech 9 Revision: 1 |
Similar Part No. - V23990-P629-L63-PM |
|
Similar Description - V23990-P629-L63-PM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |