Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUJ105AB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJ105AB
Description  Silicon Diffused Power Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ105AB Datasheet(HTML) 6 Page - NXP Semiconductors

  BUJ105AB_15 Datasheet HTML 1Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 2Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 3Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 4Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 5Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 6Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 7Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 8Page - NXP Semiconductors BUJ105AB_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NXP Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ105AB
Fig.13. Transient thermal impedance.
Z
th j-mb = f(t); parameter δ = tp/T
Fig.14. Test circuit for reverse bias safe operating
area.
V
clamp < 700V; Vcc = 150V; -Vbe = 5V,3V & 1V;
L
B = 1µH; LC = 200µH.
Fig.15. Reverse bias safe operating area (T
j < Tjmax)
for -V
BE = 5V,3V & 1V.
10
Zth(j-mb)
(K/W)
1
10-1
10-2
δ =
0.5
0.2
0.1
Single pulse
0.05
0.02
tp
tp
T
P
t
T
δ =
1
10
10-1
10-2
10-3
10-4
tp (s)
0
100
200
300
400
500
600
700
800
0
1
2
3
4
5
6
7
8
9
10
11
VCEclamp/V
IC/A
-5V
-3V
-1V
LB
IBon
-VBB
LC
T.U.T.
VCC
PROBE POINT
VCL(RBSOAR)
October 2001
5
Rev 1.000


Similar Part No. - BUJ105AB_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUJ105AB PHILIPS-BUJ105AB Datasheet
66Kb / 7P
   Silicon Diffused Power Transistor
October 2001 Rev 1.000
logo
WeEn Semiconductors
BUJ105AB WEEN-BUJ105AB Datasheet
460Kb / 9P
   Silicon Diffused Power Transistor
More results

Similar Description - BUJ105AB_15

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com