Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V23990-P629-F72-PM Datasheet(PDF) 4 Page - Vincotech

Part # V23990-P629-F72-PM
Description  High efficiency dual boost
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-P629-F72-PM Datasheet(HTML) 4 Page - Vincotech

  V23990-P629-F72-PM Datasheet HTML 1Page - Vincotech V23990-P629-F72-PM Datasheet HTML 2Page - Vincotech V23990-P629-F72-PM Datasheet HTML 3Page - Vincotech V23990-P629-F72-PM Datasheet HTML 4Page - Vincotech V23990-P629-F72-PM Datasheet HTML 5Page - Vincotech V23990-P629-F72-PM Datasheet HTML 6Page - Vincotech V23990-P629-F72-PM Datasheet HTML 7Page - Vincotech V23990-P629-F72-PM Datasheet HTML 8Page - Vincotech V23990-P629-F72-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
V23990-P629-F72-PM
datasheet
Parameter
Symbol
Unit
V GE [V] or
V GS [V]
V r [V]
or
V CE [V] or
V DS [V]
I C [A] or
I F [A] or
I D [A]
T j
Min
Typ
Max
Characteristic Values
Value
Conditions
Tj=25°C
Tj=25°C
Tc=100°C
Tj=25°C
Thermistor
Δ R/R
R100=1486
Rated resistance
R
Power dissipation constant
Deviation of R100
Power dissipation
P
mW
200
mw/K
2
+12
-12
22000
%
B-value
B (25/50)
Tol. ±3%
Tj=25°C
3950
K
B-value
B (25/100) Tol. ±3%
Tj=25°C
3998
K
Vincotech NTC Reference
B
copyright Vincotech
4
12 Mar. 2015 / Revision 5


Similar Part No. - V23990-P629-F72-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P629-F73-PM VINCOTECH-V23990-P629-F73-PM Datasheet
1Mb / 19P
   High efficiency dual boost
More results

Similar Description - V23990-P629-F72-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P629-L63-PM VINCOTECH-V23990-P629-L63-PM Datasheet
946Kb / 19P
   High efficiency dual boost
V23990-P623-L82-D2-14 VINCOTECH-V23990-P623-L82-D2-14 Datasheet
2Mb / 19P
   High efficiency dual boost
V23990-P629-F73-PM VINCOTECH-V23990-P629-F73-PM Datasheet
1Mb / 19P
   High efficiency dual boost
10-F106BIB020FK-M285L VINCOTECH-10-F106BIB020FK-M285L Datasheet
452Kb / 5P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
   High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
   High Efficiency Boost Converter
logo
Vincotech
10-PZ06NBA041FS-P915L68Y VINCOTECH-10-PZ06NBA041FS-P915L68Y Datasheet
2Mb / 17P
   High efficiency symmetric boost
10-FZ07NBA075SM-P916L58 VINCOTECH-10-FZ07NBA075SM-P916L58 Datasheet
1Mb / 19P
   High efficiency symmetric boost
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
   High Efficiency Boost Converter
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com