Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA128B1 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATXMEGA128B1
Description  8/16-bit Atmel XMEGA B1 Microcontroller
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128B1 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATXMEGA128B1 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128B1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 138 page
background image
4
XMEGA B1 [DATASHEET]
8330C–AVR–07/2012
3.
Overview
The Atmel
® AVR® XMEGA® is a family of low power, high performance, and peripheral rich 8/16-bit microcontrollers
based on the AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the Atmel AVR XMEGA
devices achieve CPU throughput approaching one million instructions per second (MIPS) per megahertz, allowing the
system designer to optimize power consumption versus processing speed.
The AVR CPU combines a rich instruction set with 32 general purpose working registers. All 32 registers are directly
connected to the arithmetic logic unit (ALU), allowing two independent registers to be accessed in a single instruction,
executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs many times
faster than conventional single-accumulator or CISC based microcontrollers.
The Atmel AVR XMEGA B1 devices provide the following features: in-system programmable flash with read-while-write
capabilities; internal EEPROM and SRAM; two-channel DMA controller, four-channel event system and programmable
multilevel interrupt controller, 53 general purpose I/O lines, real-time counter (RTC); Liquid Crystal Display supporting up
to 4x40 segment driver, ASCII character mapping and built-in contrast control (LCD); three flexible, 16-bit timer/counters
with compare and PWM channels; two USARTs; one two-wire serial interface (TWI); one full speed USB 2.0 interface;
one serial peripheral interface (SPI); AES and DES cryptographic engine; two 8-channel, 12-bit ADCs with
programmable gain; four analog comparators (ACs) with window mode; programmable watchdog timer with separate
internal oscillator; accurate internal oscillators with PLL and prescaler; and programmable brown-out detection.
The program and debug interface (PDI), a fast, two-pin interface for programming and debugging, is available. The
devices also have an IEEE std. 1149.1 compliant JTAG interface, and this can also be used for on-chip debug and
programming.
The ATx devices have five software selectable power saving modes. The idle mode stops the CPU while allowing the
SRAM, DMA controller, event system, interrupt controller, and all peripherals to continue functioning. The power-down
mode saves the SRAM and register contents, but stops the oscillators, disabling all other functions until the next TWI,
USB resume, or pin-change interrupt, or reset. In power-save mode, the asynchronous real-time counter continues to
run, allowing the application to maintain a timer base while the rest of the device is sleeping. In power-save mode, the
LCD controller is allowed to refresh data to the panel. In standby mode, the external crystal oscillator keeps running while
the rest of the device is sleeping. This allows very fast startup from the external crystal, combined with low power
consumption. In extended standby mode, both the main oscillator and the asynchronous timer continue to run, and the
LCD controller is allowed to refresh data to the panel. To further reduce power consumption, the peripheral clock to each
individual peripheral can optionally be stopped in active mode and idle sleep mode.
Atmel offers a free QTouch® library for embedding capacitive touch buttons, sliders and wheels functionality into AVR
microcontrollers.
The devices are manufactured using Atmel high-density, nonvolatile memory technology. The program flash memory can
be reprogrammed in-system through the PDI or JTAG interfaces. A boot loader running in the device can use any
interface to download the application program to the flash memory. The boot loader software in the boot flash section will
continue to run while the application flash section is updated, providing true read-while-write operation. By combining an
8/16-bit RISC CPU with in-system, self-programmable flash, the Atmel XMEGA B1 is a powerful microcontroller family
that provides a highly flexible and cost effective solution for many embedded applications.
The atmel AVR ATx devices are supported with a full suite of program and system development tools, including C
compilers, macro assemblers, program debugger/simulators, programmers, and evaluation kits.


Similar Part No. - ATXMEGA128B1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
More results

Similar Description - ATXMEGA128B1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
   8/16-bit Atmel XMEGA A4U Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com