Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FZ06BIA099FS Datasheet(PDF) 5 Page - Vincotech

Part # FZ06BIA099FS
Description  Ultra fast switching frequency
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

FZ06BIA099FS Datasheet(HTML) 5 Page - Vincotech

  FZ06BIA099FS Datasheet HTML 1Page - Vincotech FZ06BIA099FS Datasheet HTML 2Page - Vincotech FZ06BIA099FS Datasheet HTML 3Page - Vincotech FZ06BIA099FS Datasheet HTML 4Page - Vincotech FZ06BIA099FS Datasheet HTML 5Page - Vincotech FZ06BIA099FS Datasheet HTML 6Page - Vincotech FZ06BIA099FS Datasheet HTML 7Page - Vincotech FZ06BIA099FS Datasheet HTML 8Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FZ06BIA099FS
target datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
1,60
Tj=150°C
1,90
Tj=25°C
tbd
Tj=150°C
Tj=25°C
tbd
Tj=150°C
Tj=25°C
tbd
Tj=150°C
di(rec)max
Tj=25°C
tbd
/dt
Tj=150°C
Tj=25°C
tbd
Tj=150°C
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
4K/W
Tj=25°C
90
Tj=125°C
200
Tj=25°C
2,5
3
3,5
Tj=125°C
Tj=25°C
200
Tj=125°C
Tj=25°C
25000
Tj=125°C
Tj=25°C
15
Tj=125°C
Tj=25°C
12
Tj=125°C
Tj=25°C
75
Tj=125°C
Tj=25°C
6
Tj=125°C
Tj=25°C
tbd
Tj=125°C
Tj=25°C
tbd
Tj=125°C
600
0,0012
0
VDS=VGS
4
4
18
18
480
480
20
100
400
f=1MHz
0
10
10
10
13
0
Rgon=1,7
Thermal grease
thickness
≤50um
λ = 1 W/mK
Qg
Qrr
trr
td(ON)
Rds(on)
Rgoff=1,7
Crss
V(GS)th
Igss
tr
td(OFF)
Eon
Qgd
RthJH
VF
Peak reverse recovery current
Zero Gate Voltage Drain Current
Idss
Static drain to source ON resistance
IRRM
Reverse recovered charge
Erec
Gate threshold voltage
Eoff
Ciss
Coss
Qgs
Buck MOSFET
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Diode forward voltage
V
μC
mWs
A/
μs
m
1,30
pF
ns
100
mWs
2660
Rgon=1,7
Turn off delay time
Rise Time
Gate to drain charge
Gate to source charge
Turn-off energy loss per pulse
Fall time
18
Buck Diode
Input capacitance
Gate to Source Leakage Current
Turn On Delay Time
tf
Output capacitance
Turn-on energy loss per pulse
Total gate charge
Reverse transfer capacitance
Thermal resistance chip to heatsink per chip
nA
nC
nA
ns
A
V
Tj=25°C
119
61
154
14
Tj=25°C
K/W
copyright
by Vincotech
5
Revision: 1


Similar Part No. - FZ06BIA099FS

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06BIA045FH VINCOTECH-FZ06BIA045FH Datasheet
3Mb / 29P
   flowSOL 0 BI
FZ06BIA045FH01 VINCOTECH-FZ06BIA045FH01 Datasheet
2Mb / 29P
   Ultra fast switching frequency
FZ06BIA045FH02 VINCOTECH-FZ06BIA045FH02 Datasheet
3Mb / 30P
   Low inductive design
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
   Ultra fast switching frequency
FZ06BIA083FI VINCOTECH-FZ06BIA083FI Datasheet
3Mb / 25P
   Ultra fast switching frequency
More results

Similar Description - FZ06BIA099FS

ManufacturerPart #DatasheetDescription
logo
Vincotech
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
   Ultra fast switching frequency
V23990-P629-L81-PM VINCOTECH-V23990-P629-L81-PM Datasheet
1Mb / 17P
   Ultra fast switching frequency
FZ06BIA083FI VINCOTECH-FZ06BIA083FI Datasheet
3Mb / 25P
   Ultra fast switching frequency
V23990-P623-L82-PM VINCOTECH-V23990-P623-L82-PM Datasheet
2Mb / 19P
   Ultra fast switching frequency
V23990-P629-L83-PM VINCOTECH-V23990-P629-L83-PM Datasheet
357Kb / 7P
   Ultra fast switching frequency
V23990-P629-L59-PM VINCOTECH-V23990-P629-L59-PM Datasheet
2Mb / 19P
   Ultra fast switching frequency
FZ06BIA045FH01 VINCOTECH-FZ06BIA045FH01 Datasheet
2Mb / 29P
   Ultra fast switching frequency
V23990-P629-L48-PM VINCOTECH-V23990-P629-L48-PM Datasheet
1Mb / 20P
   Ultra fast switching frequency
logo
Littelfuse
DUR75120W LITTELFUSE-DUR75120W Datasheet
600Kb / 3P
   Ultra-fast switching
logo
Sangdest Microelectroni...
SDURF30100CT SMC-SDURF30100CT Datasheet
171Kb / 4P
   Ultra-Fast Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com