Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFH4213DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRFH4213DPBF
Description  Schottky Intrinsic Diode with Low Forward Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4213DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRFH4213DPBF Datasheet HTML 1Page - International Rectifier IRFH4213DPBF Datasheet HTML 2Page - International Rectifier IRFH4213DPBF Datasheet HTML 3Page - International Rectifier IRFH4213DPBF Datasheet HTML 4Page - International Rectifier IRFH4213DPBF Datasheet HTML 5Page - International Rectifier IRFH4213DPBF Datasheet HTML 6Page - International Rectifier IRFH4213DPBF Datasheet HTML 7Page - International Rectifier IRFH4213DPBF Datasheet HTML 8Page - International Rectifier IRFH4213DPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
 
IRFH4213DPbF
5
www.irf.com
© 2015 International Rectifier
Submit Datasheet Feedback
March 19, 2015
Fig 12. On– Resistance vs. Gate Voltage
Fig 13. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typical Avalanche Current vs. Pulsewidth
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
200
400
600
800
ID
TOP
13A
26A
BOTTOM
50A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
1000
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming j = 25°C and
Tstart = 125°C.
Allowed avalanche Current vs avalanche
pulsewidth, tav, assuming Tj = 125°C and
Tstart =25°C (Single Pulse)
0
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
1
2
3
4
5
6
TJ = 25°C
TJ = 125°C
ID = 50A


Similar Part No. - IRFH4213DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4213DPBF IRF-IRFH4213DPBF Datasheet
734Kb / 8P
   Synchronous Rectifier MOSFET for Synchronous Buck Converters
More results

Similar Description - IRFH4213DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFH4210DPBF IRF-IRFH4210DPBF_15 Datasheet
495Kb / 9P
   Schottky Intrinsic Diode with Low Forward Voltage
logo
STMicroelectronics
AN836 STMICROELECTRONICS-AN836 Datasheet
59Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY DIODE
logo
Toshiba Semiconductor
10FWJ2C48M TOSHIBA-10FWJ2C48M_06 Datasheet
330Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M_06 Datasheet
275Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
30FWJ2C48M TOSHIBA-30FWJ2C48M_06 Datasheet
325Kb / 6P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
logo
Microsemi Corporation
LSM115J MICROSEMI-LSM115J Datasheet
99Kb / 2P
   1 Amp Ultra Low Forward Voltage Schottky Diode
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
Toshiba Semiconductor
10FWJ2CZ47M TOSHIBA-10FWJ2CZ47M Datasheet
170Kb / 3P
   SCHOTTKY BARRIER RECTIFIER STACK(LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
KODENSHI_AUK CORP.
SDB1560PH-1 KODENSHI-SDB1560PH-1 Datasheet
279Kb / 5P
   LOW FORWARD VOLTAGE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com