Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA3021 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3021 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGA3021_15 Datasheet HTML 1Page - NXP Semiconductors BGA3021_15 Datasheet HTML 2Page - NXP Semiconductors BGA3021_15 Datasheet HTML 3Page - NXP Semiconductors BGA3021_15 Datasheet HTML 4Page - NXP Semiconductors BGA3021_15 Datasheet HTML 5Page - NXP Semiconductors BGA3021_15 Datasheet HTML 6Page - NXP Semiconductors BGA3021_15 Datasheet HTML 7Page - NXP Semiconductors BGA3021_15 Datasheet HTML 8Page - NXP Semiconductors BGA3021_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
2 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
2.
Pinning information
2.1 Pinning
2.2 Pin description
[1]
See Figure 2 for correct connection.
[2]
The center metal base of the HSO8 also functions as heatsink for the power amplifier.
3.
Ordering information
Fig 1.
Pin configuration for SOT786-2
Table 2.
Pin description
Symbol
Pin
Description
AMPA_IN
1
input amplifier A
TMP_SENS
2
temperature sense
CTRL
3
total supply current control
AMPB_IN
4
input amplifier B
AMPB_OUT
5
output amplifier B [1]
VCC
6
supply [1]
VCC
7
supply [1]
AMPA_OUT
8
output amplifier A [1]
GND
exposed die pad [2]
ground
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BGA3021
HSO8
plastic thermal enhanced small outline package;
8 leads; body width 3.9 mm; exposed die pad
SOT786-2


Similar Part No. - BGA3021_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
   1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
More results

Similar Description - BGA3021_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
   1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 NXP-BGA3023 Datasheet
220Kb / 14P
   1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 PHILIPS-BGA3023_15 Datasheet
220Kb / 14P
   1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com