Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA3021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BGA3021
Description  1.2 GHz 16 dB gain CATV amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA3021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BGA3021_15 Datasheet HTML 6Page - NXP Semiconductors BGA3021_15 Datasheet HTML 7Page - NXP Semiconductors BGA3021_15 Datasheet HTML 8Page - NXP Semiconductors BGA3021_15 Datasheet HTML 9Page - NXP Semiconductors BGA3021_15 Datasheet HTML 10Page - NXP Semiconductors BGA3021_15 Datasheet HTML 11Page - NXP Semiconductors BGA3021_15 Datasheet HTML 12Page - NXP Semiconductors BGA3021_15 Datasheet HTML 13Page - NXP Semiconductors BGA3021_15 Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
BGA3021
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2015
11 of 14
NXP Semiconductors
BGA3021
1.2 GHz 16 dB gain CATV amplifier
9.
Abbreviations
10. Revision history
Table 10.
Abbreviations
Acronym
Description
CATV
Community Antenna TeleVision
FTTx
Fiber To The “x”
MMIC
Monolithic Microwave Integrated Circuit
MPA
Medium Power Amplifier
SMD
Surface Mounted Device
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
BGA3021 v.2
20150225
Product data sheet
-
BGA3021 v.1
BGA3021 v.1
20141128
Preliminary data sheet
-
-


Similar Part No. - BGA3021_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
   1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
More results

Similar Description - BGA3021_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA3021 NXP-BGA3021 Datasheet
220Kb / 14P
   1.2 GHz 16 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 NXP-BGA3022 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3022 PHILIPS-BGA3022_15 Datasheet
220Kb / 14P
   1.2 GHz 18 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 NXP-BGA3023 Datasheet
220Kb / 14P
   1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
BGA3023 PHILIPS-BGA3023_15 Datasheet
220Kb / 14P
   1.2 GHz 20 dB gain CATV amplifier
Rev. 2-25 February 2015
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
   1 GHz, 25 dB Gain CATV Power Doubler Amplifier
ACA2788 SKYWORKS-ACA2788 Datasheet
478Kb / 6P
   1 GHz, 28 dB Gain CATV Power Doubler Amplifier
logo
ANADIGICS, Inc
ACA2764 ANADIGICS-ACA2764 Datasheet
519Kb / 3P
   1 GHz, 21 dB Gain CATV Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com