Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE71S6166 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6166
Description  Transfer Electromechanical Relay Switch DC to 12.4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6166 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6166 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6166 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6166 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6166 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6166 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6166 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE71S6166 is a Transfer Switch that operates from DC to 12.4 GHz. The switch has a Failsafe actuator and 1M life
cycles. The switch has an operating voltage of +12 Volts.
Features
• Transfer Switch
• DC to 12.4 GHz Operating Frequency Range
• 1 M Cycles min
• Failsafe Switch
Applications
• Test & Measurement
• Communications System
• Instrumentation
Electrical Specifications
Frequency Range
DC to 12.4 GHz
Impedance
50 Ohms
Actuator
Failsafe
Actuating Current
540 mA
Control Voltage
12 Volts
RF Input Power (Max CW)
50 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 4
4 to 8
8 to 12.4
GHz
VSWR, Max
1.2:1
1.3:1
1.45:1
Insertion Loss, Max
0.2
0.3
0.4
dB
Isolation, Min
80
70
60
dB
.
Mechanical Specifications
Connector Type
N Female
Operating Life
1,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
50 ms Max
Environmental Specifications
Temperature
Operating Range
-25 to +65 deg C
Environment
Designed to Meet MIL-DTL-3928
.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Transfer Electromechanical Relay Switch DC to 12.4 GHz, N, 50 Watts, 12V Control with
Failsafe PE71S6166
PE71S6166
PE71S6166 REV 1.0
Transfer Electromechanical Relay Switch DC to
12.4 GHz, N, 50 Watts, 12V Control with Failsafe


Similar Part No. - PE71S6166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6161 PASTERNACK-PE71S6161 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6164 PASTERNACK-PE71S6164 Datasheet
409Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz, N
More results

Similar Description - PE71S6166

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6168 PASTERNACK-PE71S6168 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6167 PASTERNACK-PE71S6167 Datasheet
445Kb / 6P
   Transfer Electromechanical Relay Switch DC to 12.4 GHz
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6152 PASTERNACK-PE71S6152 Datasheet
407Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6155 PASTERNACK-PE71S6155 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6156 PASTERNACK-PE71S6156 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6163 PASTERNACK-PE71S6163 Datasheet
405Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6150 PASTERNACK-PE71S6150 Datasheet
451Kb / 6P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com