Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5231A Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC5231A
Description  RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5231A Datasheet(HTML) 4 Page - ON Semiconductor

  2SC5231A Datasheet HTML 1Page - ON Semiconductor 2SC5231A Datasheet HTML 2Page - ON Semiconductor 2SC5231A Datasheet HTML 3Page - ON Semiconductor 2SC5231A Datasheet HTML 4Page - ON Semiconductor 2SC5231A Datasheet HTML 5Page - ON Semiconductor 2SC5231A Datasheet HTML 6Page - ON Semiconductor 2SC5231A Datasheet HTML 7Page - ON Semiconductor 2SC5231A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5231A
No. A1077-4/8
S11e
f=100MHz, f=200MHz to 2000MHz(200MHz Step)
S21e
f=100MHz, f=200MHz to 2000MHz(200MHz Step)
S12e
f=100MHz, f=200MHz to 2000MHz(200MHz Step)
S22e
f=100MHz, f=200MHz to 2000MHz(200MHz Step)
j50
j25
j10
0
10
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150 250
VCE=2V
IC=3mA
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
20 25
15
10
5
0.1GHz
0.1GHz
2.0GHz
VCE=5V
IC=20mA
90°
120°
150°
±180°
--150°
--120°
--90°
--30°
--60°
0
60°
30°
0.04 0.08
0.16
0.12
0.2
0.1GHz
VCE=2V
IC=3mA
j50
j25
j10
0
10
25
--j10
--j25
--j50
--j100
--j150
--j200
--j250
j100
j150
j200
j250
100
150 250
2.0GHz
0.1GHz
50
VCE=5V
IC=7mA
ITR07970
ITR07971
ITR07972
ITR07973
0.1GHz
25
0.1GHz
2.0GHz
2.0GHz
VCE=5V
IC=7mA
0.1GHz
V CE
=2V
I C
=3mA
2.0GHz
2.0GHz
2.0GHz
2.0GHz
2.0GHz
VCE=5V
IC=20mA
VCE=5V
IC=7mA
0.1GHz
0.1GHz
0.1GHz
0.1GHz
VCE=5V
IC=20mA
VCE=2V
IC=3mA
2.0GHz
2.0GHz
50
2.0GHz
VCE=5V
IC=20mA
V CE
=5V
I C
=7mA
0.1GHz


Similar Part No. - 2SC5231A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5231A SANYO-2SC5231A Datasheet
70Kb / 6P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A Datasheet
532Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
2SC5231A SANYO-2SC5231A_12 Datasheet
532Kb / 8P
   VHF to UHF Wide-Band Low-Noise Amplifier Applications
More results

Similar Description - 2SC5231A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5501A ONSEMI-2SC5501A Datasheet
369Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP4
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5374A ONSEMI-2SC5374A Datasheet
528Kb / 8P
   RF Transistor 10V, 100mA, fT=5.2GHz, NPN Single SMCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com